Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUV100CS Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUV100CS
Description  PHOTODIODE SOCKET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUV100CS Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUV100CS Datasheet HTML 1Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
PHOTODIODE SOCKET
AXUV100CS
Revision March 6, 2017
FEATURES
• Ceramic socket for devices to eliminate soldering to leads
• For use with any 2 pin photodiode with 12.5mm lead spacing
• Low outgassing materials for vacuum compatibility
Dimensions are in inch [metric] units.


Similar Part No. - AXUV100CS

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV100CS OPTODIODE-AXUV100CS Datasheet
167Kb / 1P
PHOTODIODE SOCKET
More results

Similar Description - AXUV100CS

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
Photodiode
logo
OptoDiode Corp
AXUV100CS OPTODIODE-AXUV100CS Datasheet
167Kb / 1P
PHOTODIODE SOCKET
logo
Roithner LaserTechnik G...
EPD-1300-0-3.0 ROITHNER-EPD-1300-0-3.0 Datasheet
135Kb / 2P
Photodiode
EPD-660-5 ROITHNER-EPD-660-5 Datasheet
130Kb / 2P
Photodiode
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
photodiode
logo
HK TO-GRACE TECHNOLOGY ...
AM2520PD1BT09 TO-GRACE-AM2520PD1BT09 Datasheet
771Kb / 3P
Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com