Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUVHS6 Datasheet(PDF) 2 Page - OptoDiode Corp

Part # AXUVHS6
Description  PHOTODIODE 0.0008 mm2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUVHS6 Datasheet(HTML) 2 Page - OptoDiode Corp

  AXUVHS6 Datasheet HTML 1Page - OptoDiode Corp AXUVHS6 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
0.5
0.3
0.2
0.1
0.4
0.0
200
300
400
500
600
700
800
900
1000
1100
UV-VIS-NIR PHOTON RESPONSIVITY
WAVELENGTH (nm)
WAVELENGTH (nm)
0.30
0.20
0.10
0.05
0.15
0.25
0.00
0
150
100
50
200
250
EUV-UV PHOTON RESPONSE
ENERGY (ev)
0.30
0.20
0.10
0.05
0.15
0.25
0.00
100
1000
10,000
100,000
ELECTRON RESPONSE
PHOTODIODE 0.0008 mm2
AXUVHS6
Revision July 20, 2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com