Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1660 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1660
Description  96 x 32 LCD Controller for I/O MCU
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1660 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1660 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1660 Datasheet HTML 18Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Name
Command Code
D/C
Function
Def.
TONE 2K
X100-0001-0001-XXXX-XXXX
C
Turn on tone output, tone frequency output:
2kHz
IRQ DIS
X100-0001-0010-XXXX-XXXX
C
Disable IRQ output
Yes
IRQ EN
X100-0001-0011-XXXX-XXXX
C
Enable IRQ output
RC 32K
X100-0001-0100-XXXX-XXXX
C
System clock source, on-chip RC oscillator
Yes
EXT (X
¢TAL)
X100-0001-0101-XXXX-XXXX
C
System clock source, external 32kHz clock
source or crystal oscillator 32.768kHz
LARGE BIAS
X100-0001-0110-XXXX-XXXX
C
Large bias current option
Yes
MIDDLE BIAS
X100-0001-0111-XXXX-XXXX
C
Middle bias current option
SMALL BIAS
X100-0001-1000-XXXX-XXXX
C
Small bias current option
BIAS 1/6
X100-0001-1010-XXXX-XXXX
C
LCD 1/6 bias option
Yes
BIAS 1/5
X100-0001-1001-XXXX-XXXX
C
LCD 1/5 bias option
FRAME 170Hz
X100-0001-1100-XXXX-XXXX
C
Selects 170Hz frame frequency
FRAME 89Hz
X100-0001-1101-XXXX-XXXX
C
Selects 89Hz frame frequency
FRAME 64Hz
X100-0001-1110-XXXX-XXXX
C
Selects 64Hz frame frequency
Yes
Select 112
´16
X100-0001-1111-XXXX-XXXX
C
This command will change segment from 96
to 112 and command from 32 to 16
F1
X100-1010-0000-XXXX-XXXX
C
Time base clock output: 1Hz
The WDT time-out flag after: 4s
F2
X100-1010-0001-XXXX-XXXX
C
Time base clock output: 2Hz
The WDT time-out flag after: 2s
F4
X100-1010-0010-XXXX-XXXX
C
Time base clock output: 4Hz
The WDT time-out flag after: 1s
F8
X100-1010-0011-XXXX-XXXX
C
Time base clock output: 8Hz
The WDT time-out flag after: 1/2s
F16
X100-1010-0100-XXXX-XXXX
C
Time base clock output: 16Hz
The WDT time-out flag after: 1/4s
F32
X100-1010-0101-XXXX-XXXX
C
Time base clock output: 32Hz
The WDT time-out flag after: 1/8s
F64
X100-1010-0110-XXXX-XXXX
C
Time base clock output: 96Hz
The time-out flag after: 1/16s
F128
X100-1010-0111-XXXX-XXXX
C
Time base clock output: 128Hz
The WDT time-out flag after: 1/32s
Yes
TEST
X100-1111-1111-XXXX-XXXX
C
Test mode, user don
¢t use.
NORMAL
X100-1111-1110-XXXX-XXXX
C
Normal mode, 96
´32 mode will be set
Yes
Note:
²X² stands for don¢t care
A9~A0: RAM address
D3~D0: RAM data
D/C: Data/Command mode
Def.: Power-on reset default
All the bold forms, namely 11 0, 10 1, and 10 0, are mode commands. Of these, 10 0 indicates the command
mode ID. If successive commands have been issued, the command mode ID except for the first command will
be omitted. The tone frequency source and the time base/WDT clock frequency source can be derived from an
on-chip 32kHz RC oscillator, a 32.768kHz crystal oscillator, or an external 32kHz clock. Calculation of the fre-
quency is based on the system frequency sources as stated above. It is recommended that the host controller
should initialize the HT1660 after power-on reset, otherwise, power on reset may fail, which in turn leads to the
malfunctioning of the HT1660.
HT1660
Rev. 1.00
16
September 16, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com