Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8GS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A8GS
Description  Minimum size class in the industry Rocker switch with reset function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A8GS Datasheet(HTML) 4 Page - Omron Electronics LLC

  A8GS Datasheet HTML 1Page - Omron Electronics LLC A8GS Datasheet HTML 2Page - Omron Electronics LLC A8GS Datasheet HTML 3Page - Omron Electronics LLC A8GS Datasheet HTML 4Page - Omron Electronics LLC A8GS Datasheet HTML 5Page - Omron Electronics LLC A8GS Datasheet HTML 6Page - Omron Electronics LLC A8GS Datasheet HTML 7Page - Omron Electronics LLC A8GS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A8GS
4
Operation
Remote Reset Function
Button is operated for turning OFF of Power and Micro load contact terminal by applying external signal to coil.
Manual Operation
Power and Micro load contact terminal are operated to turn ON/OFF by manual, same as standard Rocker switch.
Remote Reset Function Operation
It is able to turn OFF Power and Micro load contact terminal from manual ON condition by applying voltage to coil.
Switch circuit and operating condition
Note: 1. The above circuit is referring to the 'A8GS-Dxxxx' model.
Button operating
condition
Power / Micro load
contact terminal
Button operating
condition
Power / Micro load
contact terminal
Coil terminal
OFF
(1) Manual ON
(2) Manual OFF
(3) Remote Reset
OFF
(1) Manual ON
(2) Manual OFF
ON
OFF
OFF
Button is
returned
automatically.
OFF
(1) Manual ON
(3) Remote Reset
ON
OFF
OFF
No voltage applied
No voltage applied
Load
Power
supply
+
34
-
12
+
-
Load
Power
supply
34
12
Load
Power
supply
+
34
-
12
Load
Power
supply
+
34
-
12
* 5VDC applied to coil terminal
Voltage applied



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com