Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL211 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL211
Description  Highly Flexible Voltage Comparators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL211 Datasheet(HTML) 2 Page - Integral Corp.

  IL211 Datasheet HTML 1Page - Integral Corp. IL211 Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IL311
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC + VEE
Total Supply Voltage
30
V
TA
Operating Temperature, All Package Types
- 45
+85
°C
ELECTRICAL CHARACTERISTICS (V
CC=+15 V, VEE= -15 V, TA =+25°C unless otherwise noted
[Note 1])
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Max
VIO
Input Offset Voltage
(Note 2)
RS ≤ 50 kΩ, TA = +25°C
RS ≤ 50 kΩ, -45°C ≤ TA ≤ 85°C
7.5
10
mV
IIO
Input Offset Current
(Note 2)
TA = +25°C
-45
°C ≤ T
A ≤ 85°C
50
100
nA
IIB
Input Bias Current
TA = +25°C
TA = -45°C
TA = +85°C
250
375
500
nA
AV
Voltage Gain
150000
tDLH
Propagation Delay Time
300
ns
VDS
Saturation Voltage
TA = +25°C
VID ≤ -10 mV, IO=50 mA
1.5
V
VIR
Input Voltage Range
-14.5
13.0
V
ICC
Positive Supply Current
+7.5
mA
IEE
Negative Supply Current
-5.0
mA
NOTES:
1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single
5.0 volt supply up to
±15 volt supplies.
2. The offset voltages and offset currents given are the maximum values required to drive the output within a volt
of either supply with a 1.0 mA load. Thus, these parameters define an error band and take into account the
“worst case” effects of voltage gain and input impedance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com