Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2E Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MCSO2E
Description  5.0V Low Frequency Oscillator for Extreme Environments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2E Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MCSO2E Datasheet HTML 1Page - Golledge Electronics Ltd MCSO2E Datasheet HTML 2Page - Golledge Electronics Ltd MCSO2E Datasheet HTML 3Page - Golledge Electronics Ltd MCSO2E Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCSO2E 2/4
v1.0
Frequency range
10.0kHz ~ 20MHz
Dimensions
5.0 x 3.2 x 1.7mm
Supply voltage (V )
+5.0V (±5%)
Storage temperature range -65 to +125°C
Supply current
2mA (32kHz)
6mA (≤10MHz)
7mA (>10 ~ 20MHz)
Driving ability
CMOS
Load
3pF min, 47pF max
Logic levels
‘0’ level = +0.4V max
‘1’ level = V -0.5V min
Start up time
5ms max
Waveform symmetry
40:60 max @ 50%V
Rise / fall time
7ns max (15pF, 20~80%V )
150ns max @ 32.768kHz
Shock resistance
10,000g, 0.3ms, ½ sine
Vibration resistance
80g rms 10.0 ~ 2,000Hz
Soldering condition
260°C, 10 sec max
To request a quotation for the MCSO2E please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Input (pad 1)
Output (pad 3)
Open
Enabled
'1' level
Enabled
'0' level
No clock
Reaction time <1µs
SPECIFICATIONS
DD
DD
DD
P-P
PACKAGE DRAWING
ORDERING INFORMATION
ENABLE / DISABLE FUNCTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com