Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSG1117ASE-TR Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # JSG1117ASE-TR
Description  Thinner package, Green color emitting LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JSG1117ASE-TR Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  JSG1117ASE-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JSG1117ASE-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
JSG1117ASE-TR
Page : 4
Note3,4
Please refer to the following sorting charts.
Note3
Note5
Half Intensity Angle
IF = 20mA
deg.
nm
Luminous Intensity
Luminous Flux
5.0
-
λd
TYP.
MAX.
3.0
120
IV
Φ
V
CONDITIONS
mcd
MIN.
535
IF = 20mA
IF = 20mA
lm
515
-
1,500
V
VF
3.6
(Ta=25℃)
IF = 20mA
UNITS
【 Electro and Optical Characteristics 】
IF = 20mA
ITEM
SYMBOL
Forward Voltage
Δθy
1,000
Dominant Wavelength
Δθx
Note4
-
-
120
-
2.6
525
2,200
-
Note5
Viewing Angle at 50% Iv, Δθx ; Housing long side axis, Δθy ; Housing short side axis
IV (mcd)
DC
2,200
3,300
DB
IF=20mA
Ta=25℃
1,500
Rank
Condition
LEDs shall be sorted out into the following ranks.
1,000
MIN.
MIN.
DA
MAX.
MAX.
Rank
Condition
1,500
2,200
IF=20mA
Ta=25℃
535
515
A
【 Sorting For Luminous Intensity and Dominant Wavelength 】
λd (nm)
Specifications
Notes
・ Tolerance of each rank: IV ±10% , λd ±1nm
・Above the table of Luminous Intensity (IV) and Dominant Wavelength (λd) values
are the setup value of the selection machine.
2018.4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com