Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54501 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL54501
Description  1.62V to 5.5V, 5廓, Single SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54501 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL54501 Datasheet HTML 1Page - Renesas Technology Corp ISL54501 Datasheet HTML 2Page - Renesas Technology Corp ISL54501 Datasheet HTML 3Page - Renesas Technology Corp ISL54501 Datasheet HTML 4Page - Renesas Technology Corp ISL54501 Datasheet HTML 5Page - Renesas Technology Corp ISL54501 Datasheet HTML 6Page - Renesas Technology Corp ISL54501 Datasheet HTML 7Page - Renesas Technology Corp ISL54501 Datasheet HTML 8Page - Renesas Technology Corp ISL54501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL54501, ISL54502
FN6550 Rev 3.00
Page 2 of 13
May 6, 2013
Ordering Information
PART NUMBER
(Notes 1, 4)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Tape and Reel)
(Pb-Free)
PKG.
DWG. #
ISL54501IRUZ-T (Note 2)
1
-40 to +85
6 Ld µTDFN
L6.1.2x1.0A
ISL54501IHZ-T (Note 3)
4501
-40 to +85
6 Ld SOT-23
P6.064A
ISL54502IRUZ-T (Note 2)
2
-40 to +85
6 Ld µTDFN
L6.1.2x1.0A
ISL54502IHZ-T (Note 3)
4502
-40 to +85
6 Ld SOT-23
P6.064A
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL54501, ISL54502. For more information on MSL please see techbrief
TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com