Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL54504 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL54504
Description  1.8V to 5.5V, 2.5W, Single SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54504 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL54504 Datasheet HTML 1Page - Renesas Technology Corp ISL54504 Datasheet HTML 2Page - Renesas Technology Corp ISL54504 Datasheet HTML 3Page - Renesas Technology Corp ISL54504 Datasheet HTML 4Page - Renesas Technology Corp ISL54504 Datasheet HTML 5Page - Renesas Technology Corp ISL54504 Datasheet HTML 6Page - Renesas Technology Corp ISL54504 Datasheet HTML 7Page - Renesas Technology Corp ISL54504 Datasheet HTML 8Page - Renesas Technology Corp ISL54504 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL54504, ISL54505
FN6552 Rev 2.00
Page 2 of 12
October 23, 2009
Ordering Information
PART NUMBER
(Notes 1, 4)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Tape and Reel) (Pb-Free)
PKG. DWG. #
ISL54504IRUZ-T (Note 2)
4
-40 to +85
6 Ld TDFN
L6.1.2x1.0A
ISL54504IHZ-T (Note 3)
4504
-40 to +85
6 Ld SOT-23
MDP0038
ISL54505IRUZ-T (Note 2)
5
-40 to +85
6 Ld TDFN
L6.1.2x1.0A
ISL54505IHZ-T (Note 3)
4505
-40 to +85
6 Ld SOT-23
MDP0038
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL54504, ISL54505. For more information on
MSL please see techbrief TB363.
Pin Configurations (Note 5)
ISL54504
(6 LD TDFN)
TOP VIEW
ISL54504
(6 LD SOT-23)
TOP VIEW
ISL54505
(6 LD TDFN)
TOP VIEW
ISL54505
(6 LD SOT-23)
TOP VIEW
NOTE:
5. Switches Shown for Logic “0” Input.
3
2
1
6
5
4
IN
V+
GND
NO
N.C.
COM
4
5
6
1
2
3
N.C.
IN
NO
GND
V+
COM
3
2
1
6
5
4
IN
V+
GND
N.C.
NC
COM
4
5
6
1
2
3
NC
IN
N.C.
GND
V+
COM
Truth Table
LOGIC
ISL54504
ISL54505
0Off
On
1On
Off
NOTE: Logic “0” 0.5V. Logic “1” 1.4V with a 3V supply.
Pin Descriptions
PIN NAME
FUNCTION
V+
System Power Supply Input (+1.8V to +5.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com