Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD641APZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD641APZ
Description  250 MHz Demodulating Logarithmic Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD641APZ Datasheet(HTML) 5 Page - Analog Devices

  AD641APZ Datasheet HTML 1Page - Analog Devices AD641APZ Datasheet HTML 2Page - Analog Devices AD641APZ Datasheet HTML 3Page - Analog Devices AD641APZ Datasheet HTML 4Page - Analog Devices AD641APZ Datasheet HTML 5Page - Analog Devices AD641APZ Datasheet HTML 6Page - Analog Devices AD641APZ Datasheet HTML 7Page - Analog Devices AD641APZ Datasheet HTML 8Page - Analog Devices AD641APZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REV.
D
AD641
–5–
Typical AC Performance Characteristics–
INPUT LEVEL – dBm
–2.25
–2.00
0.25
2
–48 –44 –40
–4
–1.25
–0.50
–0.25
0.00
–1.75
–1.50
–0.75
–1.00
–52
–36 –32 –28 –24 –20 –16 –12 –8
0
50MHz
150MHz
190MHz
210MHz
250MHz
Figure 10. AC Response at 50 MHz, 150 MHz, 190 MHz,
210 MHz at 250 MHz, vs. dBm Input (Sinusoidal Input)
INPUT FREQUENCY – MHz
87.5
70.0
50
250
100
150
170
190
210
230
85.0
80.0
77.5
75.0
72.5
82.5
Figure 11. Intercept Level (dBm) vs. Frequency (Cascaded
AD641s—Sinusoidal Input)
Figure 12. Baseband Pulse Response of Single AD641,
Inputs of 1 mV, 10 mV and 100 mV
INPUT LEVEL – dBm
–2.00
–1.75
0.50
2
–48 –44 –40
–4
–1.00
–0.25
–0.00
0.25
–1.50
–1.25
–0.50
–0.75
–52
–36 –32 –28 –24 –20 –16 –12 –8
0
+25 C
+125 C
–55 C
+25 C
+125 C
–55 C
OUTPUT
+25 C
+125 C
–55 C
+125 C
ERROR
+25 C
–55 C
5
4
3
2
1
0
–1
–2
–3
–4
–5
Figure 13. Logarithmic Response and Linearity at
200 MHz, TA for TA = –55°C, +25°C, +125°C
INPUT FREQUENCY – MHz
1.0
0.95
0.75
50
250
150
190
210
0.90
0.85
0.80
Figure 14. Slope Current, IY, vs. Input Frequency
10
0%
5µs
5µs
20mV
20mV
100
90
Figure 15. Baseband Pulse Response of Cascaded AD641s
at Inputs of 0.2 mV, 2 mV, 20 mV and 200 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com