Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8305ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8305ACPZ-R2
Description  Range Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8305ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8305ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8305ACPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8305
Data Sheet
Rev. C | Page 24 of 24
OUTLINE DIMENSIONS
1.45
1.30 SQ
1.15
1
0.50
BSC
16
5
8
9
12
13
4
3.10
3.00 SQ
2.90
0.50
0.40
0.30
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.23
0.18
COMPLIANT
TO JEDEC STANDARDS MO-220-WEED-6
0.80
0.75
0.70
BOTTOM VIEW
TOP VIEW
SEATING
PLANE
SIDE VIEW
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 50. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
AD8305ACP-R2
−40°C to +85°C
16-Lead LFCSP
CP-16-21
250
JEA
AD8305ACP-REEL7
−40°C to +85°C
16-Lead LFCSP, 7”Tape and Reel
CP-16-21
1500
JEA
AD8305ACPZ-R2
−40°C to +85°C
16-Lead LFCSP
CP-16-21
250
JEA#
AD8305ACPZ-RL7
−40°C to +85°C
16-Lead LFCSP, 7”Tape and Reel
CP-16-21
1500
JEA#
AD8305-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part; # denotes lead-free product may be top or bottom marked.
©2002–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03053-0-9/17(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com