Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8317ACPZ-R7
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8317ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8317ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
AD8317
Rev. C | Page 15 of 19
Figure 33 shows the response of the AGC RF output to a pulse
on VSET. As VSET decreases from 1.7 V to 0.4 V, the AGC loop
responds with an RF burst. In this configuration, the input
signal to the ADL5330 is a 1 GHz sine wave at a power level
of −15 dBm.
A CH1
2.48V
T
699.800µs
AD8317 VSET PULSE
ADL5330 OUTPUT
2
1
T
M10.0µs
CH1 2.00V
CH2 50mVΩ
Figure 33. Oscilloscope Screenshot Showing
the Response Time of the AGC Loop
Response time and the amount of signal integration are con-
trolled by CFLT. This functionality is analogous to the feedback
capacitor around an integrating amplifier. Although it is
possible to use large capacitors for CFLT, in most applications,
values under 1 nF provide sufficient filtering.
Calibration in controller mode is similar to the method used
in measurement mode. A simple 2-point calibration can be
done by applying two known VSET voltages or DAC codes and
measuring the output power from the VGA. Slope and intercept
can then be calculated by:
Slope = (VSET1 − VSET2)/(POUT1 − POUT2)
(9)
Intercept = POUT1 − VSET1/Slope
(10)
VSETx = Slope × (POUTX − Intercept)
(11)
More information on the use of the ADL5330 in AGC applica-
tions can be found in the ADL5330 data sheet.
OUTPUT FILTERING
For applications in which maximum video bandwidth and,
consequently, fast rise time are desired, it is essential that the
CLPF pin be left unconnected and free of any stray capacitance.
The nominal output video bandwidth of 50 MHz can be reduced
by connecting a ground-referenced capacitor (CFLT) to the
CLPF pin, as shown in Figure 34. This is generally done to
reduce output ripple (at twice the input frequency for a
symmetric input waveform such as sinusoidal signals).
+4
VOUT
CLPF
AD8317
3.5pF
ILOG
CFLT
1.5kΩ
Figure 34. Lowering the Postdemodulation Bandwidth
CFLT is selected by
pF
5
.
3
)
5
.
1
2
(
1
Bandwidth
Video
C
FLT
(12)
The video bandwidth must typically be set to a frequency equal
to about one-tenth the minimum input frequency. This ensures
that the output ripple of the demodulated log output, which is at
twice the input frequency, is well filtered.
In many log amp applications, it may be necessary to lower
the corner frequency of the postdemodulation filter to achieve
low output ripple while maintaining a rapid response time to
changes in signal level. An example of a 4-pole active filter is
shown in the AD8307 data sheet.
OPERATION BEYOND 8 GHz
The AD8317 is specified for operation up to 8 GHz, but it provides
useful measurement accuracy over a reduced dynamic range of
up to 10 GHz. Figure 35 shows the performance of the AD8317
over temperature at 10 GHz when the device is configured as
shown in Figure 22. Dynamic range is reduced at this frequency,
but the AD8317 does provide 30 dB of measurement range
within ±3 dB of linearity error.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–35
–30
–25
–20
–15
–10
–5
0
5
PIN (dBm)
–5
–4
–3
–2
–1
0
1
2
3
4
5
Figure 35. VOUT and Log Conformance vs. Input Amplitude at 10.0 GHz,
Multiple Devices, RTADJ = Open, CLPF = 1000 pF
Implementing an impedance match for frequencies beyond
8 GHz can improve the sensitivity of the AD8317 and measure-
ment range.
Operation beyond 10 GHz is possible, but part-to-part
variation, most notably in the intercept, becomes significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com