Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317ACPZ-WP Datasheet(PDF) 2 Page - Analog Devices

Part # AD8317ACPZ-WP
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317ACPZ-WP Datasheet(HTML) 2 Page - Analog Devices

  AD8317ACPZ-WP Datasheet HTML 1Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 2Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 3Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8317ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 2 of 19
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
Theory of Operation ...................................................................... 10
 
Using the AD8317 .......................................................................... 11
 
Basic Connections ...................................................................... 11
 
Input Signal Coupling................................................................ 11
 
Output Interface ......................................................................... 11
 
Setpoint Interface ....................................................................... 11
 
Temperature Compensation of Output Voltage..................... 12
 
Measurement Mode ................................................................... 12
 
Setting the Output Slope in Measurement Mode .................. 13
 
Controller Mode......................................................................... 13
 
Output Filtering.......................................................................... 15
 
Operation Beyond 8 GHz ......................................................... 15
 
Evaluation Board ............................................................................ 16
 
Die Information.............................................................................. 18
 
Outline Dimensions ....................................................................... 19
 
Ordering Guide .......................................................................... 19
 
REVISION HISTORY
8/2017—Rev. B to Rev. C
Change to Figure 2 and Table 3 ...................................................... 6
Updated Outline Dimensions ....................................................... 19
Changes to Ordering Guide ......................................................... 19
3/2008—Rev. A to Rev. B
Changes to Features.......................................................................... 1
Changes to General Description .................................................... 1
Changes to Measurement Mode Section..................................... 12
Changes to Equation 12 ................................................................. 15
8/2007—Rev. 0 to Rev. A
Changes to f = 8.0 GHz, ±1 dB Dynamic Range Parameter........4
Changes to Table 2.............................................................................6
Changes to Figure 20...................................................................... 10
Changes to Setpoint Interface Section and Figure 22................ 12
Changes Figure 27 .......................................................................... 13
Changes to Table 5.......................................................................... 17
Added Die Information Section ................................................... 19
Changes to Ordering Guide .......................................................... 21
10/2005—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com