Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8319ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8319ACPZ-R7
Description  1 MHz to 10 GHz, 45 dB Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8319ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8319ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
AD8319
Rev. D | Page 9 of 19
0
j2
j1
–j1
–j2
j0.5
–j0.5
j0.2
–j0.2
0.2
0.5
1
2
8000MHz
10000MHz
5800MHz
3600MHz
2200MHz
1900MHz
900MHz
100MHz
START FREQUENCY = 0.05GHz
STOP FREQUENCY = 10GHz
Figure 15. Input Impedance vs. Frequency; No Termination Resistor on INHI
(Impedance De-Embedded to Input Pins), Z0 = 50 Ω
500mV
M2.00µs
A CH1
420V
T 29.60%
Ch1
1
∆ : 1.53V
@ : 1.53V
Figure 16. Power On/Off Response Time; VP = 3.0 V;
Input AC-Coupling Capacitors = 10 pF; CLPF = Open
200mV
M20.0ns
A CH1
1.04V
T 72.40%
Ch1
1
CH1 RISE
9.949ns
CH1 FALL
6.032ns
Figure 17. VOUT Pulse Response Time; Pulsed RF Input 0.1 GHz, −10 dBm;
CLPF = Open; RLOAD = 150 Ω
1k
10k
100k
1M
10
100
1k
10k
10M
0dBm
RF OFF
FREQUENCY (Hz)
–60dBm
–10dBm
–40dBm
–20dBm
Figure 18. Noise Spectral Density of Output vs. Frequency; CLPF = Open
1k
10k
100k
1M
10
100
1k
10k
10M
FREQUENCY (Hz)
Figure 19. Noise Spectral Density of Output Buffer vs. Frequency (from CLPF
to VOUT); CLPF = 0.1 μF
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
PIN (dBm)
–60
3.3V
3.0V
3.6V
Figure 20. VOUT Stability and Error vs. Supply Voltage at 1.9 GHz
When VPOS Varies by 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com