Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5304ACPZ-R2
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5304ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADL5304
Data Sheet
Rev. A | Page 8 of 32
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
IDEN CURRENT (A)
1mA
100µA
10µA
1µA
100nA
10nA
1nA
100pA
Figure 9. VLOG vs. IDEN for Multiple Values of INUM
(Decade Steps from 100 pA to 1 mA)
3.0
2.0
1.0
0
–1.0
–2.0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–3.0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM (A)
+3σ
–3σ
Figure 10. Law Conformance Error Distribution vs. INUM
(3 σ Either Side of Mean)
3.0
2.0
1.0
0
–1.0
–2.0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–3.0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM (A)
±3σ 70°C
±
3σ 0°C
Figure 11. Law Conformance Error Distribution vs. INUM for 0°C and 70°C
(3 σ Either Side of Mean)
3
2
1
0
–1
–2
–3
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
IDEN CURRENT (A)
1mA
100µA
10µA
1µA
100nA
10nA
1nA
100pA
Figure 12. Law Conformance Error vs. IDEN for Multiple Values of INUM
(Decade Steps from 100 pA to 1 mA)
3.0
2.0
1.0
0
–1.0
–2.0
2.5
1.5
0.5
–0.5
–1.5
–2.5
–3.0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM (A)
±3σ +85°C
±
3σ –40°C
Figure 13. Law Conformance Error Distribution vs. INUM for −40°C and +85°C
(3 σ Either Side of Mean)
5
–5
–4
–3
–2
–1
0
1
2
3
4
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
+3σ
–3σ
Figure 14. (VINUM − VSUM) vs. INUM for Multiple Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com