Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # FD-2
Description  Frequency Multiplier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

FD-2 Datasheet(HTML) 1 Page - Mini-Circuits

  FD-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input
Frequency
(MHz)
Conversion
Loss
(dB)
Harmonic
Output
(-dBc)
F2
F1
F3
F4
Typical Performance Data
1.00
15.26
48.20
57.00
13.70
5.00
13.06
48.70
57.80
13.80
10.00
12.72
49.80
59.00
16.00
25.00
13.52
43.60
58.00
16.20
50.00
12.74
39.00
52.20
16.90
100.00
13.04
33.60
43.60
17.00
200.00
13.06
27.20
36.40
20.60
300.00
13.28
23.70
31.60
24.20
400.00
14.00
18.90
32.20
25.90
500.00
15.04
16.00
33.70
26.20
FD-2+
CONVERSION LOSS
10.0
12.0
14.0
16.0
18.0
20.0
0
200
400
600
800
1000
OUTPUT FREQUENCY (MHz)
FD-2+
HARMONIC OUTPUT F3
10
20
30
40
50
60
70
0
300
600
900
1200
1500
F3 FREQUENCY (MHz)
FD-2+
HARMONIC OUTPUT F1
10
20
30
40
50
60
0
100
200
300
400
500
F1 FREQUENCY (MHz)
FD-2+
HARMONIC OUTPUT F4
0
10
20
30
40
50
60
0
500
1000
1500
2000
F4 FREQUENCY (MHz)
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
Ω
Output 10 to 1000 MHz
Frequency Multiplier
Outline Dimensions (
)
inch
mm
Maximum Ratings
Outline Drawing
Electrical Specifications
REV. D
M151107
FD-2+
AD/CP/AM
150806
B
D
wt
.54
2.59 grams
13.72 65.79
40.0
FD-2+
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Input Power*
200mW
Features
• wideband, 10 to 1000 MHz
• low conversion loss, 13.5 dB typ.
• rugged shielded case
Applications
• synthesizers
• local oscillators
* Harmonics of input frequency below the power level of F2
CASE STYLE: FF55
Connectors Model
BNC
FD-2+
* Input is at Male BNC
X2
MULTIPLICATION
FACTOR
FREQUENCY
(MHz)
INPUT
POWER
(dBm)
CONVERSION
LOSS
(dB)
*HARMONIC OUTPUT
(dBc)
F1
F2
F1
F3
F4
Input
Output
Min. Max.
Typ.
Max.
Typ. Min.
Typ. Min.
Typ. Min.
2
5-100
10-200
1
15
13.0
16.0
40 30
50 40
16 12
100-300
200-600
1
15
13.5
15.5
25 20
40 30
16 12
300-500
600-1000
1
15
14.0
16.5
20 15
30 25
16 12
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - FD-2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FD-2.5V PERICOM-FD-2.5V Datasheet
259Kb / 3P
2.5V CMOS Low Jitter XO
logo
TDK Electronics
FD-20A TDK-FD-20A Datasheet
92Kb / 8P
Ultra High Voltage Ceramic Capacitors
FD-20AU TDK-FD-20AU Datasheet
60Kb / 3P
Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
FD-22A TDK-FD-22A Datasheet
92Kb / 8P
Ultra High Voltage Ceramic Capacitors
FD-22AU TDK-FD-22AU Datasheet
60Kb / 3P
Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
More results

Similar Description - FD-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
RMK-3-1262+ MINI-RMK-3-1262+ Datasheet
150Kb / 1P
Frequency Multiplier
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
RMK-5-51 MINI-RMK-5-51 Datasheet
297Kb / 3P
Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
Frequency Multiplier
RMK-5-571 MINI-RMK-5-571 Datasheet
373Kb / 3P
Frequency Multiplier
RMK-5-2251 MINI-RMK-5-2251 Datasheet
316Kb / 3P
Frequency Multiplier
FK-5 MINI-FK-5 Datasheet
168Kb / 1P
Frequency Multiplier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com