Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8398AACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8398AACPZ-R7
Description  Single Port VDSL2 Line Driver with Shutdown
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8398AACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8398AACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8398AACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8398A
Data Sheet
Rev. E | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Power Supplies (VCC − VEE)
13.2 V
Power Dissipation
(TJ MAX − TA)/θJA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified with the device soldered on a JEDEC circuit board
and the thermal pad connected to the GND plane layer using
six vias.
Table 3. Thermal Resistance
Package Type
θJA
Unit
16-Lead LFCSP_WQ
35.6
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8398A is limited
by its junction temperature (TJ) on the die. The maximum safe
TJ of plastic encapsulated devices, as determined by the glass
transition temperature of the plastic, is 150°C. Temporarily
exceeding this limit may cause a shift in the parametric
performance due to a change in the stresses exerted on the
die by the package. Exceeding this limit for an extended period
can result in device failure.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 16-lead LFCSP_WQ
on a 4-layer board with six vias connecting the exposed pad to
the GND plane layer.
AMBIENT TEMPERATURE (°C)
0
5
4
3
2
1
TJ = 150°C
6
–40 –30 –20 –10
0
10
20
30
40
50
60
80
70
Figure 3. Maximum Safe Power Dissipation vs. Ambient Temperature,
4-Layer JEDEC Board with Six Thermal Vias
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com