Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4303-2ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4303-2ACPZ-R2
Description  1:2 Single-Ended, Low Cost Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4303-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADA4303-2
Data Sheet
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
–50
–53
–56
–59
–62
–65
–68
–71
–74
–77
–80
50
100
1000
FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 5. Composite Second-Order (CSO) vs. Frequency
–60
–63
–66
–69
–72
–75
–78
–81
–84
–87
–90
50
100
1000
FREQUENCY (MHz)
TA = +25°C
TA = –40°C
TA = +85°C
Figure 6. Composite Triple Beat (CTB) vs. Frequency
–60
–63
–66
–69
–72
–75
–78
–81
–84
–87
–90
50
100
1000
FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 7. Cross Modulation (CXM) vs. Frequency
10
2
4
6
8
0
50
100
1000
FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 8. Noise Figure vs. Frequency
60
55
50
45
40
35
30
25
20
50
100
1000
FREQUENCY (MHz)
Figure 9. Output IP2 vs. Frequency
40
35
30
25
20
15
10
5
0
50
100
1000
FREQUENCY (MHz)
Figure 10. Output IP3 vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com