Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4310-1ARHZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4310-1ARHZ-R7
Description  Low Cost, Dual, High Current Output Line Driver with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4310-1ARHZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4310-1ARHZ-R7 Datasheet HTML 6Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 7Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 8Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 9Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 10Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 11Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 12Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 13Page - Analog Devices ADA4310-1ARHZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADA4310-1
Rev. C | Page 13 of 14
OUTLINE DIMENSIONS
0.95
0.85
0.75
0.33
0.17
COMPLIANT TO JEDEC STANDARDS MO-187-BA-T
3.10
3.00
2.90
3.10
3.00
2.90
5.05
4.90
4.75
0.70
0.55
0.40
0.13
MAX
0.95
REF
TOP VIEW
BOTTOM VIEW
SIDE VIEW
END VIEW
1
5
6
10
0.50
BSC
1.10
MAX
0.23
0.08
COPLANARITY
0.10
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.25 GAGE
PLANE
6°
0°
1.825
1.725
1.625
1.760
1.660
1.560
EXPOSED
PAD
2.00 BSC
Figure 22. 10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
(RH-10-1)
Dimensions shown in millimeters
4.10
4.00 SQ
3.90
0.35
0.30
0.25
2.25
2.10 SQ
1.95
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.70
0.60
0.50
SEATING
PLANE
0.05 MAX
0.02 NOM
0.203 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT
TOJEDEC STANDARDS MO-220-WGGC.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
EXPOSED
PAD
SIDE VIEW
Figure 23. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Package
Package Description
Package
Option
Branding
ADA4310-1ARHZ-RL
−40°C to +85°C
10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
RH-10-1
0L
ADA4310-1ARHZ-R7
−40°C to +85°C
10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
RH-10-1
0L
ADA4310-1ARHZ
−40°C to +85°C
10-Lead Mini Small Outline Package with Exposed Pad [MINI_SO_EP]
RH-10-1
0L
ADA4310-1ACPZ-RL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADA4310-1ACPZ-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
ADA4310-1ACPZ-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com