Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8494CRMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8494CRMZ-R7
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494CRMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8494CRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8494CRMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Data Sheet
Rev. D | Page 14 of 16
APPLICATIONS INFORMATION
BASIC CONNECTION
Figure 33 shows an example of a basic connection for the
AD849x, with a J type or K type thermocouple input.
AD849x
OUT
SENSE
REF
–VS
+VS
0.1µF
10µF
5V
COLD JUNCTION
COMPENSATION
2
3
7
5
+IN
THERMO-
COUPLE
–IN
1MΩ
8
1
0.1µF
10µF
6
IN-AMP
Figure 33. Basic Connection for the AD849x
To measure negative temperatures, apply a voltage at the refer-
ence pin to offset the output voltage at 0°C. The output voltage
of the AD849x is
VOUT = (TMJ × 5 mV/°C) + VREF
A filter at the input is recommended to remove high frequency
noise. The 1 MΩ resistor to ground enables open thermocouple
detection and proper grounding of the thermocouple. The sense
pin should be connected to the output pin of the AD849x.
Decoupling capacitors should be used to ensure clean power
supply voltages on +VS and, if using dual supplies, on −VS, also.
A 0.1 μF capacitor should be placed as close as possible to each
AD849x supply pin. A 10 μF tantalum capacitor can be used
farther away from the part and can be shared.
AMBIENT TEMPERATURE SENSOR
The AD849x can be configured as a standalone Celsius thermo-
meter with a 5 mV/°C output, as shown in Figure 34. The
thermocouple sensing functionality is disabled by shorting both
AD849x inputs to ground; the AD849x simply outputs the value
from the on-board temperature sensor.
As a temperature sensor, the AD8494 has a measurement temp-
erature range of −40°C to +125°C with a precision output of
VOUT = TA × 5 mV/°C
IN-AMP
AD849x
+IN
–IN
OUT
SENSE
REF
–VS
+VS
5V
COLD JUNCTION
COMPENSATION
8
2
3
5
7
1
6
Figure 34. Ambient Temperature Sensor
The AD8494 is the best choice for use as an ambient temper-
ature sensor. The AD8495, AD8496, and AD8497 can also be
configured as ambient temperature sensors, but their output
transfer functions are not precisely 5 mV/°C. For information
about the exact transfer functions of the AD8494/AD8495/
AD8496/AD8497, see the AN-1087 Application Note for
additional details.
The thermometer mode can be particularly useful for debugging
a misbehaving circuit. If the basic connection is not working,
disconnect the thermocouple and short both inputs to ground.
If the system reads the ambient temperature correctly, the
problem is related to the thermocouple. If the system does not
read the ambient temperature correctly, the problem is with
the AD849x or with the downstream circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com