Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC600LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC600LP4
Description  LOGARITHMIC DETECTOR / CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC600LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC600LP4 Datasheet HTML 1Page - Analog Devices HMC600LP4 Datasheet HTML 2Page - Analog Devices HMC600LP4 Datasheet HTML 3Page - Analog Devices HMC600LP4 Datasheet HTML 4Page - Analog Devices HMC600LP4 Datasheet HTML 5Page - Analog Devices HMC600LP4 Datasheet HTML 6Page - Analog Devices HMC600LP4 Datasheet HTML 7Page - Analog Devices HMC600LP4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 2
HMC600LP4 / 600LP4E
General Description
Features
Functional Diagram
The HMC600LP4(E) Logarithmic Detector/Controller
converts RF signals at its input, to a proportional DC
voltage at its output. The HMC600LP4(E) employs
a successive compression topology which delivers
extremely high dynamic range and conversion accuracy
over a wide input frequency range. As the input power
is increased, successive amplifiers move into saturation
one by one creating an accurate approximation of the
logarithm function. The output of a series of square law
detectors is summed, converted into voltage domain
and buffered to drive the LOGOUT output. For detection
mode, the LOGOUT pin is shorted to the VSET input,
and will provide a nominal logarithmic slope of 19mV/dB
and an intercept of -95 dBm. The HMC600LP4(E) can
also be used in the controller mode where an external
voltage is applied to the VSET pin, to create an AGC or
APC feedback loop.
Wide Dynamic Range: up to 75 dB
Flexible Supply Voltage: +2.7V to +5.5V
Power-Down Mode
Excellent Stability over Temperature
Compact 4x4mm Leadless SMT Package
Typical Applications
The HMC600LP4 / HMC600LP4E is ideal for IF and
RF applications in:
• Cellular/PCS/3G
• WiMAX, WiBro & Fixed Wireless
• Power Monitoring & Control Circuitry
• Receiver Signal Strength Indication (RSSI)
• Automatic Gain & Power Control
Electrical Specifications, TA = +25C, PWD = 0V, Vcc1, Vcc2 = +3.3V [1]
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Input Frequency
50
100
500
900
1900
2500
3500
4000
MHz
±3 dB Dynamic Range
74
74
74
74
70
66
51
48
dB
±3 dB Dynamic Range Center
-30
-30
-30
-30.5
-31.0
-31.0
-27
-23.5
dBm
±1 dB Dynamic Range
64
64
64
65
62
59
44
41
dB
Output Slope
19.6
19.5
19.4
19.2
19.1
19.5
21.0
22.3
mV/dB
Output Intercept
-96
-96
-96
-96
-95
-93
-79
-72
dBm
Temperature Sensitivity @ -10 dBm Input [2]
-2.7
-2.8
-3.6
-4.8
-6.9
-7.4
-8.3
-12.9
mdB/°C
[1] Detector mode measurements; LOGOUT (Pin 17) is shorted to VSET (Pin 16).
[2] Measured from TA = -40C to TA = +85C
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Input (INP)
Return Loss
F = 50 - 4000 MHz, Zo = 50Ω, See plot
10
dB
LOGOUT Interface
Open Loop Impedance
16
kΩ
Current Drive (Source)
0.4
mA
75 dB LOGARITHMIC
DETECTOR / CONTROLLER 50 - 4000 MHz
v02.0909
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC600LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC600LP4 HITTITE-HMC600LP4 Datasheet
549Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC600LP4 HITTITE-HMC600LP4 Datasheet
338Kb / 8P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC600LP4E HITTITE-HMC600LP4E Datasheet
549Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC600LP4E HITTITE-HMC600LP4E Datasheet
338Kb / 8P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
HMC600LP4 HITTITE-HMC600LP4_09 Datasheet
338Kb / 8P
75 dB LOGARITHMIC DETECTOR / CONTROLLER 50 - 4000 MHz
More results

Similar Description - HMC600LP4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC601LP4 AD-HMC601LP4 Datasheet
494Kb / 8P
FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com