Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2892EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EVAL-ADN2892EBZ
Description  3.3 V, 4.25 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2892EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EVAL-ADN2892EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADN2892EBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADN2892
Rev. C | Page 13 of 16
OUTLINE DIMENSIONS
3.10
3.00 SQ
2.90
0.30
0.25
0.20
1.65
1.50 SQ
1.45
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.50
0.40
0.30
0.05 MAX
0.02 NOM
0.20 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT
TO JEDEC STANDARDS MO-220-WEED-6.
SEATING
PLANE
TOP VIEW
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 20. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-27)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
ADN2892ACPZ-500RL7
–40°C to +95°C
16-Lead LFCSP, 500 pieces
CP-16-27
F05
ADN2892ACPZ-RL7
–40°C to +95°C
16-Lead LFCSP, 1,500 pieces
CP-16-27
F05
EVAL-ADN2892EBZ
Evaluation Board
1
Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com