Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC611LP4E Datasheet(PDF) 12 Page - Analog Devices

Part # HMC611LP4E
Description  LOGARITHMIC DETECTOR / CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC611LP4E Datasheet(HTML) 12 Page - Analog Devices

Back Button HMC611LP4E Datasheet HTML 4Page - Analog Devices HMC611LP4E Datasheet HTML 5Page - Analog Devices HMC611LP4E Datasheet HTML 6Page - Analog Devices HMC611LP4E Datasheet HTML 7Page - Analog Devices HMC611LP4E Datasheet HTML 8Page - Analog Devices HMC611LP4E Datasheet HTML 9Page - Analog Devices HMC611LP4E Datasheet HTML 10Page - Analog Devices HMC611LP4E Datasheet HTML 11Page - Analog Devices HMC611LP4E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 57
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 121493 [1]
HMC611LP4 / 611LP4E
v04.0309
60 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 10000 MHz
Item
Description
J1 - J3
PC Mount SMA Connector
J4
Molex Connector Header
J5 - J9
DC Pin
C1, C2, C3, C5, C7
100 pF Capacitor, 0402 Pkg.
C4, C6, C8
0.1μF Capacitor, 0402 Pkg.
C9
220 pF Capacitor, 0402 Pkg.
R1
68Ω Resistor, 0402 Pkg.
R2
1k Ω Resistor, 0402 Pkg.
R3
10k Ω Resistor, 0402 Pkg.
R4 - R6, R9, R12
0Ω Resistor, 0402 Pkg.
R13
180Ω Resistor, 0402 Pkg.
R14
27.4Ω Resistor, 0402 Pkg.
R15
15Ω Resistor, 0402 Pkg.
R16
49.9Ω Resistor, 0402 Pkg.
U1
HMC611LP4 / HMC611LP4E
Logarithmic Detector / Controller
PCB [2]
121490 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com