Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8495CRMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8495CRMZ-R7
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8495CRMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8495CRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8495CRMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8494/AD8495/AD8496/AD8497
Rev. D | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, RL = ∞, unless otherwise noted.
100
10
1
0.1
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
AD8495/AD8497
AD8494
AD8496
Figure 3. CMRR vs. Frequency
1000
100
10
1
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
AD8495/AD8497
AD8494
AD8496
Figure 4. PSRR vs. Frequency
50
40
30
20
10
0
–10
–20
100
1k
10k
100k
1M
FREQUENCY (Hz)
AD8494
AD8496
AD8495/AD8497
Figure 5. Frequency Response
1200
1000
800
600
400
200
0
–200
TIME (50µs/DIV)
CONNECTED
THERMOCOUPLE
OPEN THERMOCOUPLE
THERMOCOUPLE CONNECTION
AD849x OUTPUT
Figure 6. Output Response to Open Thermocouple,
−IN Connected to Ground Through a 1 MΩ Resistor
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
+0.05, +3.45
+0.05, +3.21
+4.91, +2.95
+4.91, +2.71
+0.05, –0.36
+0.05, –0.39
+4.91, –0.37
+4.91, –0.39
VREF = 0V
VREF = 2.5V
Figure 7. Input Common-Mode Voltage Range vs. Output Voltage,
+VS = 5 V, VREF = 0 V, and VREF = 2.5 V
35
30
25
20
15
10
5
40
0
1.75
1.50
1.25
1.00
0.75
0.50
0.25
2.00
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
IBIAS
IOS
Figure 8. Input Bias Current and Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com