Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T940113 Datasheet(PDF) 1 Page - E-SWITCH

Part # T940113
Description  TERMINAL NUMBERS FOR REF ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T940113 Datasheet(HTML) 1 Page - E-SWITCH

  T940113 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
ULV4F2BSS305
3:2
2/21/2018
T940113
A
MW
1
1
PANEL CUT-OUT
PANEL THICKNESS 1-10mm
A
23229
New Release
2/21/18
MW
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACTS and TERMINALS MATERIAL: SILVER
5. RATING: 3A 250 VAC cUL
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. MECHANICAL LIFE: 1,000,000 CYCLES.
8. INSULATION RESISTANCE: 1,000 M
@ 500VDC MIN.
9. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
10. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
11. OPERATING TEMP.: -20 C to 55 C
12.
DENOTES CRITICAL PARAMETER.
13. LAMP VOLTAGE: 24V
14. TRAVEL: 3.2mm
15. ACTUATION FORCE: 2.5
1.0 N
16 MOUNTING NUT TORQUE: 5-14 Nm
17. INGRESS PROTECTION: IP67
18. HARDWARE SUPPLIED: O-RING AND HEXNUT
22.00
[.87 in]
15.50
[.61 in]
2.0
[.08 in]
25.5
[1.00 in]
32.7
[1.29 in]
2.80
[.110 in]
10.00
[.394 in]
5.00
[.197 in]
2.75
[.11 in]
TERMINAL 3
TERMINAL 1
TERMINAL 2
M19 x 1.0
THREAD
ACTUATOR
STAINLESS STEEL
HOUSING
STAINLESS STEEL
RING ILLUMINATION
COLOR: WHITE
.50
[.02 in]
33.3
[1.31 in]
13.00
[.51 in]
(+)
(-)
19.20
[.756 in]
WHITE (FORWARD)
WHITE (REVERSE)
SCHEMATIC
-
+
+
-
1
(+)
(-)
3
2
ON-(ON)
SPDT ILLUMINATED
( ) DENOTES MOMENTARY FUNCTION
13.00
[.51 in]


Similar Part No. - T940113

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T940110 E-SWITCH-T940110 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940111 E-SWITCH-T940111 Datasheet
178Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940112 E-SWITCH-T940112 Datasheet
175Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940115 E-SWITCH-T940115 Datasheet
171Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940116 E-SWITCH-T940116 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T940113

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com