Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC151X01 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LC151X01
Description  15.1 Title XGA TFT LCD
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC151X01 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LC151X01 Datasheet HTML 9Page - NXP Semiconductors LC151X01 Datasheet HTML 10Page - NXP Semiconductors LC151X01 Datasheet HTML 11Page - NXP Semiconductors LC151X01 Datasheet HTML 12Page - NXP Semiconductors LC151X01 Datasheet HTML 13Page - NXP Semiconductors LC151X01 Datasheet HTML 14Page - NXP Semiconductors LC151X01 Datasheet HTML 15Page - NXP Semiconductors LC151X01 Datasheet HTML 16Page - NXP Semiconductors LC151X01 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Product Specification
13 / 27
LC151X01
Liquid Crystal Display
Ver. 0.2
Mar.06. 2002
0.5T
0.5T
TYP
0.65T
0.65T
MAX
ns
0
TxIN Hold to TxCLK IN
THTC
ns
2.5
TxIN setup to TxCLK IN
TSTC
ns
0.35T
TxCLK IN Low Time
TCIL
ns
0.35T
TxCLK IN High Time
TCIH
Unit
MIN
Parameter
Symbol
Note : Refer to DS90C385 specification for more detail
information
tHP
tHV
tHBP
tHFP
tVP
tVBP
tVFP
tVV
Hsync.
DE
(Data Enable)
Vsync.
DE
(Data Enable)
tWH
tWV
3-4. Signal Timing Waveforms
tCLK (T)
TCIH
TCIL
TSTC
THTC
DCLK
DATA
DE
(Data Enable)
2.0V
0.8V
0.8V
2.0V
1.5V
0.0V
3.3V
0.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com