Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC-R127R2P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LC-R127R2P
Description  VALVE REGULATED LEAD ACID BATTERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LC-R127R2P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LC-R127R2P Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VRLA BATTERIES
FEBRUARY 2002
VALVE-REGULATED LEAD ACID BATTERIES: INDIVIDUAL DATA SHEET
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications are subject to
modification without notice. Contact Panasonic for the latest information.
For main and standby power supplies.
Expected trickle life: 3-5 years at 25°C, Approx. 5 years at 20°C.
LC-R127R2P
Specifications
Characteristics
Dimensions (mm)
Discharge characteristics 77°F (25°C) (Note)
Duration of discharge vs. Discharge current (Note)
Photo/Label for reference only.
(Note) The above characteristics data are average values obtained
within three charge/discharge. Cycles not the minimum values.
Terminal type: Faston 187 or Faston 250
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.0
5.0
0 1
2
4
6 8 10
20
40 60
2
4
6 8 10
20
40
(Minute)
(Hour)
Discharge time
23.04A
11.52A
5.76A
2.88A 1.44A
0.72A 0.36A
100
300 500
1
3
5
10
30
50
(mA)
(A)
Discharge current
30
20
15
10
5
4
3
2
1.5
1
50
40
30
20
10
5
3
104˚F (40˚C)
77˚F (25˚C)
32˚F (0˚C)
5˚F (-15˚C)
Battery case resin: Standard (UL94HB) Color is black.
Optional (UL94V-0) Color is grey.
2.508 (63.7)
5.193 (150.2)
2.565 (65.15)
2.539
+
-
1.0
0.5
1.89 (48)
5.945
+
-
1.5
0.5
0.039
0.020
+
-
0.059
0.020
+
-
(151
)
(64.5
)
∗ The total height with #250 terminal is 101.5mm.
♦ Please contact Panasonic for availability on optional items. Optional items may be subject to
minimum order quantities.
e
g
a
tl
o
v
l
a
n
i
m
o
NV
2
1
)
e
t
a
r
r
u
o
h
0
2
(
y
ti
c
a
p
a
c
d
e
t
a
Rh
A
2
.
7
s
n
o
i
s
n
e
m
i
D
h
t
g
n
e
L
)
m
m
0
.
1
5
1
(
s
e
h
c
n
i
5
4
9
.
5
h
t
d
i
W
)
m
m
5
.
4
6
(
s
e
h
c
n
i
9
3
5
.
2
t
h
g
i
e
H
)
m
m
0
.
4
9
(
s
e
h
c
n
i
2
0
7
.
3
*
t
h
g
i
e
H
l
a
t
o
T
)
m
m
0
.
0
0
1
(
s
e
h
c
n
i
7
3
9
.
3
s
s
a
m
.
x
o
r
p
p
A
)
g
k
7
4
.
2
(
s
b
l
5
4
.
5
s
l
a
n
i
m
r
e
T
d
r
a
d
n
a
t
S
n
i
s
e
R
d
n
a
7
8
1
n
o
t
s
a
F
B
H
4
9
L
U
P
2
R
7
2
1
R
-
C
L
0
5
2
n
o
t
s
a
F
B
H
4
9
L
U
1
P
2
R
7
2
1
R
-
C
L
s
l
a
n
i
m
r
e
T
l
a
n
o
it
p
O
n
i
s
e
R
d
n
a
7
8
1
n
o
t
s
a
F
0
-
V
4
9
L
U
♦
P
2
R
7
2
1
V
-
C
L
0
5
2
n
o
t
s
a
F
0
-
V
4
9
L
U
♦
1
P
2
R
7
2
1
V
-
C
L
y
ti
c
a
p
a
C
)
e
t
o
n
(
F
°
7
7C
°
5
2
()
)
A
m
0
6
3
(
e
t
a
r
r
u
o
h
0
2
)
A
m
0
8
6
(
e
t
a
r
r
u
o
h
0
1
)
A
m
0
6
2
1
(
e
t
a
r
r
u
o
h
5
)
A
m
0
0
9
4
(
e
t
a
r
r
u
o
h
1
h
A
2
.
7
h
A
8
.
6
h
A
3
.
6
h
A
9
.
4
e
g
r
a
h
c
s
i
d
e
t
a
r
r
u
o
h
5
.
1
V
5
.
0
1
e
g
a
tl
o
v
ff
o
-
t
u
C
A
5
.
3
e
c
n
a
t
s
i
s
e
r
l
a
n
r
e
t
n
I
y
r
e
tt
a
b
d
e
g
r
a
h
c
y
ll
u
F
F
°
7
7C
°
5
2
()
m
0
4
.
x
o
r
p
p
A
Ω
e
r
u
t
a
r
e
p
m
e
T
y
c
n
e
d
n
e
p
e
d
y
ti
c
a
p
a
c
f
o
)
e
t
a
r
r
u
o
h
0
2
(
)
C
°
0
4
(
F
°
4
0
1
F
°
7
7C
°
5
2
()
)
C
°
0
(
F
°
2
3
)
C
°
5
1
-
(
F
°
5
%
2
0
1
%
0
0
1
%
5
8
%
5
6
e
g
r
a
h
c
s
i
d
fl
e
S
F
°
7
7C
°
5
2
()
y
ti
c
a
p
a
c
l
a
u
d
i
s
e
R
s
h
t
n
o
m
3
g
n
i
d
n
a
t
s
r
e
tf
a
y
ti
c
a
p
a
c
l
a
u
d
i
s
e
R
s
h
t
n
o
m
6
g
n
i
d
n
a
t
s
r
e
tf
a
y
ti
c
a
p
a
c
l
a
u
d
i
s
e
R
s
h
t
n
o
m
2
1
g
n
i
d
n
a
t
s
r
e
tf
a
%
1
9
%
2
8
%
4
6
e
g
r
a
h
C
d
o
h
t
e
M
t
n
a
t
s
n
o
C
(
)
e
g
a
tl
o
V
e
s
u
e
l
c
y
C
g
n
it
a
e
p
e
R
(
)
e
s
u
t
n
e
r
r
u
c
l
a
it
i
n
Ir
e
ll
a
m
s
r
o
A
8
8
.
2
e
g
a
tl
o
v
l
o
r
t
n
o
C
V
9
.
4
1
o
t
V
5
.
4
1
)
C
°
5
2
ll
e
c
V
2
1
r
e
p
(
e
s
u
e
l
k
c
ir
T
t
n
e
r
r
u
c
l
a
it
i
n
Ir
e
ll
a
m
s
r
o
A
8
0
.
1
e
g
a
tl
o
v
l
o
r
t
n
o
C
V
8
.
3
1
o
t
V
6
.
3
1
)
C
°
5
2
ll
e
c
V
2
1
r
e
p
(


Similar Part No. - LC-R127R2P

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
LC-R127R2PG PANASONICBATTERY-LC-R127R2PG Datasheet
118Kb / 2P
For main and standby power supplies. Expected trickle design life: 6 ??9 years at 20째C according to Eurobat.
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
for main and standby power supplies
More results

Similar Description - LC-R127R2P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LC-R121R3P PANASONIC-LC-R121R3P Datasheet
71Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES
UP-RW1245P1 PANASONIC-UP-RW1245P1 Datasheet
90Kb / 1P
Valve Regulated Lead-Acid Batteries
logo
Panasonic Battery Group
LC-P127R2P PANASONICBATTERY-LC-P127R2P Datasheet
38Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-P0612P PANASONICBATTERY-LC-P0612P Datasheet
38Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-PD1217P PANASONICBATTERY-LC-PD1217P Datasheet
38Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-R061R3P PANASONICBATTERY-LC-R061R3P Datasheet
30Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-R0612P PANASONICBATTERY-LC-R0612P Datasheet
31Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-RA1212P PANASONICBATTERY-LC-RA1212P Datasheet
32Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-RD1217P PANASONICBATTERY-LC-RD1217P Datasheet
32Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
LC-X1228P PANASONICBATTERY-LC-X1228P Datasheet
39Kb / 1P
VALVE-REGULATED LEAD ACID BATTERIES:
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com