Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA0411/SC4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LCA0411/SC4
Description  Carbon Film Resistors, Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCA0411/SC4 Datasheet(HTML) 1 Page - Vishay Siliconix

  LCA0411/SC4 Datasheet HTML 1Page - Vishay Siliconix LCA0411/SC4 Datasheet HTML 2Page - Vishay Siliconix LCA0411/SC4 Datasheet HTML 3Page - Vishay Siliconix LCA0411/SC4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
96
Document Number 20135
Revision 03-Sep-03
LCA.... / SK.
Vishay Draloric
For Technical Questions, contact ff1aresistors@vishay.com
Carbon Film Resistors, Standard
FEATURES
• Securely bonded carbon film
• Good moisture resistance
• Good long term stability
• Low Noise
• Suitable for general purpose commercial electronics and pulse
load applications
MODEL
SIZE
POWER RATING LIMITING ELEMENT
TOLERANCE
RESISTANCE
E-SERIES
P
70˚C
VOLTAGE MAX.
RANGE
W
V
± %
Ω
LCA0204 / SK1
0204
0.25
200
2
10R-470K
24
5
1R0-1M0
24
LCA0207 /SK2
0207
0.35
300
2
1R0-1M0
24
5
R22-5M1
24
LCA0309
0309
0.45
300
2
1R0-1M0
24
5
R22-4M7
24
LCA0411 / SC4
0411
0.55
500
2
1R0-1M0
24
5
R22-10M
24
LCA0414
0414
0.6
500
2
1R0-1M0
24
5
R22-10M
24
SK4
0414
0.6
500
5
10M-30M
24
10
30M-90M
12
20
90M-150M
6
LCA0617
0617
0.7
600
2
2R2-1M0
24
5
2R2-20M
24
LCA0719
0719
1
750
2
2R2-1M0
24
5
2R2-20M
24
SK5
0617
1.1
750
2
1R0-5M1
24
5
1R0-24M
24
LCA0922
0922
1.5
750
2
3R3-1M0
24
5
3R3-22M
24
LCA0933
0933
2
1000
2
5R1-1M0
24
5
5R1-47M
24
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
LCA0204
LCA0207 LCA0309
LCA0411
LCA0414
LCA0617
LCA0719
SK5
LCA0922
LCA0933
SK1
SK2
SC4
SK4
Rated Dissipation at 70
°C
W
0.25
0.35
0.45
0.55
0.6
0.7
1.0
1.1
1.5
2.0
Limiting Element Voltage1)
V
≤ 200
≤ 300
≤ 300
≤ 500
≤ 500
≤ 600
≤ 750
≤ 750
≤ 750
≤ 1000
Limiting Voltage, short-time
V
500
600
700
1000
1000
1500
1500
2000
Insulation Voltage (1 min)
V-
> 300
> 700
> 700
> 700
> 700
> 700
> 700
> 750
> 700
> 700
Thermal Resistance
K/W
≤ 300
≤ 220
≤190
≤ 150
≤ 140
≤ 110
≤ 90
≤ 80
≤ 70
≤ 60
Insulation Resistance
Ω≥ 1011/h
Terminal Strength. axial
N
> 30
> 50
> 60
> 60
> 80
> 80
> 80
> 80
> 80
> 80
Category Temperature Range
°C
- 55 / + 155
Failure Rate
10-9/h
< 10
Weight
g
0.1
0.21
0.3
0.5
0.68
1.1
1.8
1.5
3.2
4.2
STANDARD ELECTRICAL SPECIFICATIONS
• Coating : Beige
• Marking : colour code
LCA0207 / SK2
2K4
± 5%
A5
MODEL
RESISTANCE
TOLERANCE
PACKAGING
VALUE
Ω
%
A5-Ammopack 5000 pieces
ORDERING INFORMATION
1) Rated voltage
P x R


Similar Part No. - LCA0411/SC4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LCA05C PROTEC-LCA05C Datasheet
196Kb / 5P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
679Kb / 7P
High powered multi-line tvs array
LCA05C PROTEC-LCA05C Datasheet
697Kb / 7P
HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
More results

Similar Description - LCA0411/SC4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CFA0207 VISHAY-CFA0207 Datasheet
90Kb / 2P
Carbon Film Resistors, Standard
05-Jun-03
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
RESISTORS CARBON FILM DCR
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com