Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SK4
Description  Carbon Film Resistors, Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SK4 Datasheet(HTML) 2 Page - Vishay Siliconix

  SK4 Datasheet HTML 1Page - Vishay Siliconix SK4 Datasheet HTML 2Page - Vishay Siliconix SK4 Datasheet HTML 3Page - Vishay Siliconix SK4 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
97
Document Number 20135
Revision 03-Sep-03
LCA.... / SK.
Vishay Draloric
For Technical Questions, contact ff1aresistors@vishay.com
DIMENSIONS
1) Also available in 26mm tape spacing
2) Also available in 73mm spacing
• Taping in acc. with IEC60286-1
• D and L measured in acc. with IEC60294
• d according to IEC60301
* 9mm for SK5
PACKAGING
MODEL
REEL
BOX
PIECES / REEL
MIN. ORDER QTY
PIECES / BOX
MIN. ORDER QTY
CODE
PACKAGING UNITS
CODE
PACKAGING UNITS
LCA0204/SK1
5000
R5
1
5000
A5
1
2000
A2
1
LCA0207/SK2
5000
R5
1
5000
A5
1
2000
A2
1
LCA0309
2500
RE
1
5000
A5
1
2000
A2
1
LCA0411 / SC4
2500
RE
1
1000
A1
1
LCA0414
2000
R2
1
1000
A1
1
SK4
2500
RE
1
1000
A1
1
LCA0617
1000
R1
1
1000
A1
1
LCA0719
500
RC
4
500
AC
4
SK5
1500
RP
1
1000
A1
1
LCA0922
500
RC
2
250
AB
4
LCA0933
500
RC
2
250
AB
4
MODEL
DIMENSIONS [in millimeters]
D max.
L
L1
Bd
e
LCA0204/SK1
1.6 -0.3
3.6 -0.4
5.0
53 ±1
0.5
5.0
LCA0207/SK2
2.4 -0.3
6.1 -0.5
8.1
53 ±1
1)
0.6
7.5
LCA0309
3.0 -0.4
8.1 -0.6
10.1
53 ±1
1)
0.7
10.0
LCA0411/SC4
3.7 -0.4
10.5 -0.6
12.5
53 ±1
2)
0.7
12.5
LCA0414
4.2 -0.5
12.2 -0.7
14.2
53 ±1
2)
0.8
15.0
SK4
4.1 -0.5
12.0 -1.5
14.2
73 ±1
2)
0.8
15.0
LCA0617
5.0 -0.5
15.3 -0.8
18.3
83 ±1
0.8
17.5
LCA0719
6.5 -0.5
18.5 -0.8
21.5
83 ±1
0.8
22.5
SK5
6.0 -0.5
16.5 -1.5
20.5
77 ±1
0.8
15.0
LCA0922
8.3 -0.6
21.4 -0.9
24.4
83 ±1
0.8
25.0
LCA0933
8.3 -0.6
31.4 -0.9
34.4
83 ±1
0.8
35.0
Carbon Film Resistors, Standard
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
POWER IN W
120
100
80
60
40
20
0
- 55
- 25
0
25
50
75
100
125
155 175
200
70
AMBIENT TEMP. IN ˚C
DERATING
TEMPERATURE RISE
0204 0207 0309 0411 0414 0617
0719
0922 0933
L
1
L
d
D
B
e
6 mm*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com