Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PAS-2
Description  Attenuator/Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PAS-2 Datasheet(HTML) 1 Page - Mini-Circuits

  PAS-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Control Current
30mA
PAS-2+
ISOLATION
0
20
40
60
80
100
0
200
400
600
800
1000
FREQUENCY (MHz)
IN-OUT
IN-CON
PAS-2+
50Ω
Bi-Phase
10 to 1000 MHz
Attenuator/Switch
REV. C
M151107
PAS-2+
WP/TD/CP/AM
150923
Plug-In
PAS-2+
ATTENUATION
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
CONTROL CURRENT (mA)
10 MHz
500 MHz
1000 MHz
Features
• wideband, 10 to 1000 MHz
• hermetic case
• high in-out isolation
• excellent amplitude and phase unbalance
Applications
• bi-phase modulator
• electronic attenuator
• military hi-rel applications
Pin Connections
INPUT
1
OUTPUT
8
CONTROL
3,4^
GROUND
2,5,6,7
CASE GROUND
2,5,6,7
PAS-2+
INSERTION LOSS
0
2
4
6
8
10
0
200
400
600
800
1000
FREQUENCY (MHz)
suggested control port biasing configuration
CASE STYLE: A01
^ pins must be connected together externally
Outline Drawing
Outline Dimensions (
)
A
B
C
D
E
F
.770
.800
.385
.400
.370
.400
19.56 20.32
9.78 10.16
9.40 10.16
G
H
J
K
wt
.200
.20
.14
.031
grams
5.08
5.08
3.56
0.79
5.2
inch
mm
Attenuator/Switch Electrical Specifications
Freq.
(MHz)
I. Loss
(dB)
at 20mA
±Control
∆∆AMP
(dB)
20mA
∆∆Phase
(deg.)
Isolation (dB)
(in-out) (in-con)
Input
R. Loss
(dB)
Control
Current
(mA)
Attenuation (dB) Phase ∆ ref at 15mA Ctrl
Input VSWR
10
MHz
500
MHz
1000
MHz
10
MHz
500
MHz
1000
MHz
10
MHz
500
MHz
1000
MHz
—
X
σ
—
X
—
X
—
X
—
X
—
X
deg.
deg.
deg.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = [ 2 f
L to fU/2]
Performance specifications apply for input power up to 10 dB below stated 1 dB compression.
FREQUENCY
(MHz)
INSERTION LOSS
(dB)
±20 mA
MAX. INPUT
PWR
(dBm)
±20 mA
IN-OUT
ISOLATION
(dB)
0 mA
BI-PHASE X
(
±20 mA) Typ.
∆ AMP
(dB)
Phase (deg.)
deviation
from 180°
IN
CON
Mid-Band
m
Total
Range
1 dB
no
L
M
U
Total
Total
f
L-fU
Typ. Max.
Typ. Max.
compr. damage Typ. Min.
Typ. Min.
Typ. Min.
m
Range
m
Range
10-1000
DC-0.05
4.0 6.0
6.5 8.5
20
29
50
40
40
30
35
25
0.1
0.3
0.5
1.0
—
electrical schematic
10.0
3.50 0.025
0.01
180.00
70
47
12.3
0.0000 71.8 43.8 38.2
-37.1
96.0
63.6
3.6
2.9
7.5
19.9
3.52 0.015
0.01
180.00
68
40
12.7
0.0003 63.7 44.2 38.1
-34.3
93.2
62.4
3.6
2.9
7.5
39.7
3.61 0.008
0.01
179.90
67
35
12.6
0.0004 55.7 43.8 38.1
-12.5
86.0
57.8
3.6
2.9
7.5
59.5
3.63 0.006
0.01
179.90
65
31
12.5
0.0016 51.2 43.3 38.1
-8.5
80.1
52.8
3.6
2.8
7.4
79.3
3.66 0.006
0.01
179.90
64
29
12.5
0.0057 45.4 41.1 36.8
-4.6
55.5
35.7
3.6
2.8
7.3
86.7
3.68 0.006
0.01
179.90
63
28
12.5
0.0105 41.5 38.6 35.6
-1.2
42.6
23.4
3.5
2.8
7.1
99.1
3.73 0.006
0.01
179.90
62
27
12.4
0.0161 38.3 36.0 33.7
1.5
34.4
12.9
3.5
2.8
6.9
163.5
3.95 0.006
0.01
179.80
58
23
12.3
0.0286 33.9 31.8 30.1
3.6
24.5
0.6
3.4
2.7
6.6
237.7
4.03 0.007
0.01
179.70
55
20
12.1
0.0437 30.3 28.4 27.1
4.3
20.7
-5.6
3.3
2.6
6.2
314.4
4.05 0.008
0.01
179.37
52
18
12.0
0.0734 26.2 24.4 23.2
5.1
16.3
-9.9
3.1
2.4
5.6
391.2
4.23 0.012
0.02
179.60
50
17
12.1
0.1029 23.6 21.8 20.8
5.0
14.4
-11.4
2.9
2.3
5.2
467.9
4.36 0.017
0.04
179.60
48
17
12.3
0.1510 20.7 19.1 18.2
5.0
12.8
-11.9
2.7
2.1
4.7
500.1
4.38 0.021
0.04
179.60
47
17
12.4
0.2540 17.1 15.6 15.1
4.6
10.4
-11.1
2.4
1.8
4.0
542.1
4.48 0.027
0.06
179.50
46
17
12.5
0.3743 14.6 13.3 13.1
4.3
9.0
-9.9
2.1
1.6
3.6
618.9
4.63 0.040
0.10
179.50
44
18
12.6
0.6438 11.5 10.6 10.8
3.5
6.9
-7.5
1.7
1.3
3.1
695.6
4.90 0.053
0.13
179.60
43
20
12.1
0.9350
9.7
9.1
9.6
3.0
5.4
-6.0
1.5
1.2
2.9
772.3
5.02 0.064
0.16
179.38
41
23
10.8
1.7496
7.2
7.2
8.2
2.0
3.6
-3.6
1.2
1.1
2.7
846.6
5.51 0.073
0.16
179.70
41
21
9.1
2.6537
5.5
5.9
7.3
1.3
1.9
-1.8
1.2
1.3
2.7
923.3
6.21 0.087
0.21
179.80
40
17
7.5
7.3045
4.3
4.9
6.7
0.5
0.6
-0.7
1.4
1.5
2.6
1000.0
7.06 0.093
0.36
180.40
40
14
6.3
15.1437
3.6
4.5
6.4
0.1
0.1
-0.1
1.5
1.6
2.6
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - PAS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PAS-2 MINI-PAS-2 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-2 MINI-PAS-2 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
PAS-2000 MINI-PAS-2000 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-2000 MINI-PAS-2000 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
PAS-2000L MINI-PAS-2000L Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
More results

Similar Description - PAS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAS-3 MINI-ZAS-3 Datasheet
164Kb / 1P
Attenuator/Switch
ZMAS-3 MINI-ZMAS-3 Datasheet
213Kb / 1P
Attenuator/Switch
SYAS-1 MINI-SYAS-1 Datasheet
293Kb / 1P
Attenuator/Switch
GAS-1 MINI-GAS-1 Datasheet
207Kb / 1P
Attenuator/Switch
GAS-2 MINI-GAS-2 Datasheet
207Kb / 1P
Attenuator/Switch
TFAS-1 MINI-TFAS-1 Datasheet
206Kb / 1P
Attenuator/Switch
TFAS-1SM MINI-TFAS-1SM Datasheet
298Kb / 1P
Attenuator/Switch
TFAS-2 MINI-TFAS-2 Datasheet
205Kb / 1P
Attenuator/Switch
TFAS-2SM MINI-TFAS-2SM Datasheet
260Kb / 1P
Attenuator/Switch
ZFAS-2000 MINI-ZFAS-2000 Datasheet
246Kb / 1P
Attenuator/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com