Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3200-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3200-5
Description  DC/DC CONVERTERl
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC3200-5 Datasheet HTML 1Page - Linear Technology LTC3200-5 Datasheet HTML 2Page - Linear Technology LTC3200-5 Datasheet HTML 3Page - Linear Technology LTC3200-5 Datasheet HTML 4Page - Linear Technology LTC3200-5 Datasheet HTML 5Page - Linear Technology LTC3200-5 Datasheet HTML 6Page - Linear Technology LTC3200-5 Datasheet HTML 7Page - Linear Technology LTC3200-5 Datasheet HTML 8Page - Linear Technology LTC3200-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3200/LTC3200-5
2
ORDER PART
NUMBER
MS8 PART MARKING
TJMAX = 150°C, θJA = 230°C/W
より広い動作温度範囲で規定されるデバイスについては、弊社へお問い合わせください。
LTNV
LTC3200EMS8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage
●
2.7
4.5
V
VOUT
Output Voltage
2.7V ≤ VIN ≤ 4.5V, IOUT ≤ 40mA
●
4.8
5
5.2
V
3.1V ≤ VIN ≤ 4.5V, IOUT ≤ 100mA
●
4.8
5
5.2
V
ICC
Operating Supply Current
IOUT = 0mA, SHDN = VIN
●
3.5
8
mA
ISHDN
Shutdown Current
SHDN = 0V, VOUT = 0V
●
1
µA
VFB
FB Voltage (LTC3200)
●
1.217
1.268
1.319
V
IFB
FB Input Current (LTC3200)
VFB = 1.4V
●
–50
50
nA
VR
Output Ripple (LTC3200-5)
VIN = 3V, IOUT = 100mA
30
mVP-P
η
Efficiency (LTC3200-5)
VIN = 3V, IOUT = 50mA
80
%
FOSC
Switching Frequency
1
2
MHz
VIH
SHDN Input Threshold
●
1.3
V
VIL
SHDN Input Threshold
●
0.4
V
IIH
SHDN Input Current
SHDN = VIN
●
–1
1
µA
IIL
SHDN Input Current
SHDN = 0V
●
–1
1
µA
tON
VOUT Turn-On Time
VIN = 3V, IOUT = 0mA, 10% to 90%
0.8
ms
ROL
Open-Loop Output Resistance
VIN = 3V, IOUT = 100mA, VFB = 0V (Note 4)
9.2
Ω
VOUT 1
GND 2
SHDN 3
6 C +
5 VIN
4 C –
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Note 1: 絶対最大定格はそれを超えるとデバイスの寿命に影響を及ぼす値。
Note 2: 長期電流密度制限に基づく。
Note 3: LTC3200/LTC3200-5は、0℃∼70℃の温度範囲で性能仕様に適合するこ
とが保証されている。−40℃∼85℃の動作温度範囲での仕様は設計、特性評価
および統計学的なプロセス・コントロールとの相関で確認されている。
Note 4: ROL≡(2 VIN−VOUT)/IOUT
ORDER PART
NUMBER
S6 PART MARKING
LTSH
LTC3200ES6-5
1
2
3
4
C+
VIN
C–
PGND
8
7
6
5
VOUT
FB
SHDN
SGND
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 200°C/W
絶対最大定格 (Note 1)
VIN∼GND..................................................... −0.3V∼6V
VOUT∼GND ............................................... −0.3V∼5.5V
VFB、SHDN∼GND ........................ −0.3V∼(VIN+0.3V)
IOUT(Note 2) .......................................................... 150mA
VOUT短絡時間 ........................................................無期限
動作温度範囲 (Note 3) .............................. −40℃∼85℃
保存温度範囲 .......................................... −65℃∼150℃
リード温度 (半田付け、10秒) ................................ 300℃
パッケージ/発注情報
電気的特性
●は全動作温度範囲の規格値を意味する。それ以外はTA=25℃での値。別途規定されない限り、VIN = 3.6V、CFLY = 1µF、CIN =
1µF、COUT = 1µF。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com