Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX40010 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40010 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40010 Datasheet HTML 1Page - Maxim Integrated Products MAX40010 Datasheet HTML 2Page - Maxim Integrated Products MAX40010 Datasheet HTML 3Page - Maxim Integrated Products MAX40010 Datasheet HTML 4Page - Maxim Integrated Products MAX40010 Datasheet HTML 5Page - Maxim Integrated Products MAX40010 Datasheet HTML 6Page - Maxim Integrated Products MAX40010 Datasheet HTML 7Page - Maxim Integrated Products MAX40010 Datasheet HTML 8Page - Maxim Integrated Products MAX40010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
(VRS+ = VRS- = +36V, VDD = +3.3V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA =+25°C)
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
-50
0
50
100
150
TEMPERATURE (°C)
GAIN ERROR vs. TEMPERATURE
toc04
GAIN = 20V/V
0
2
4
6
8
10
12
14
16
18
20
-4
-3
-2
-1
0
1
2
3
4
INPUT OFFSET VOLTAGE (μ V)
INPUT OFFSET VOLTAGEHISTOGRAM
GAIN = 20V/V
0.2
0.25
0.3
0.35
0.4
0.45
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
toc07
TA = 25°C
TA = 125°C
TA = -40°C
GAIN = 20V/V
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
0
50
100
150
TEMPERAUTRE (°C)
INPUT OFFSET VOLTAGEvs.TEMPERATURE
GAIN = 20V/V
0
50
100
150
200
250
300
0
2
4
6
8
10
SOURCE CURRENT (mA)
OUTPUT VOLTAGEHIGH vs.
SOURCE CURRENT
toc08
TA = 25°C
TA = 125°C
TA = -40°C
GAIN = 20V/V
-10
-8
-6
-4
-2
0
2
4
6
8
0
20
40
60
80
INPUT COMMON MODE VOLTAGE (V)
INPUT OFFSET VOLTAGEvs.
INPUT COMMON MODE VOTLAGE
TA = 25°C
TA = 125°C
TA = -40°C
VDD = 3.3V
GAIN = 20V/V
0
50
100
150
200
250
300
0
2
4
6
8
10
SINK CURRENT (mA)
OUTPUT VOLTAGELOW vs.
SINK CURRENT
toc09
TA = 25°C
TA = 125°C
TA = -40°C
GAIN = 20V/V
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0
20
40
60
80
INPUT COMMON MODE VOLTAGE (V)
GAIN ERROR vs.
INPUT COMMON MODE VOTLAGE toc05
TA = 25°C
TA = 125°C
TA = -40°C
VDD = 3.3V
GAIN = 20V/V
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
2.5
3.5
4.5
5.5
SUPPLY VOLTAGE (V)
INPUT OFFSET VOLTAGEvs.
SUPPLY VOLTAGE
toc06
TA = 25°C
TA = 125°C
TA = -40°C
GAIN = 20V/V
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com