Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1042425 Datasheet(PDF) 2 Page - SICK AG

Part # 1042425
Description  MAGNETIC PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042425 Datasheet(HTML) 2 Page - SICK AG

  1042425 Datasheet HTML 1Page - SICK AG 1042425 Datasheet HTML 2Page - SICK AG 1042425 Datasheet HTML 3Page - SICK AG 1042425 Datasheet HTML 4Page - SICK AG 1042425 Datasheet HTML 5Page - SICK AG 1042425 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MM08-60APO-ZUA | MM
MAGNETIC PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
MM08-60APO-ZUA
1042425
Other models and accessories
www.sick.com/MM
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M8
1
Diameter
Ø 8 mm
Sensing range Sn
0 mm ... 60 mm 1)
Safe sensing range Sa
48.6 mm
Magnetic sensitivity
≤ 1 mT
Switching frequency
1,000 Hz
Connection type
Cable, 3-wire, 3 m 2)
Switching output
PNP
Output function
NC
Electrical wiring
DC 3-wire
Magnetic alignment
Axial
Enclosure rating
IP67 3)
1) Sensing range based on installation in non-magnetic material using Magnet MAG-3010-B (M4.0).
2) Do not bend below 0 °C.
3) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 % 1)
Voltage drop
≤ 2 V 2)
Current consumption
≤ 10 mA 3)
1) Of VS.
2) At Ia max.
3) Without load.
4) Von Sr (VS und Ta constant).
5) Pulsed.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-07-07 23:38:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com