Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA310 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MA310
Description  PLEXUS MA310
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MA310 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MA310 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA310 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Direct Links Convenience
With Tray System
Flexibility
www.molins.co.uk
MO L IN S
TOBACCO MACHINERY
TECHNICAL DATA SHEET
PLEXUS MA310
HANDLING AND APPLICATION
Plexus® MA310 adhesive (Part A) is flammable. Contents include Methacrylate Ester. Keep containers
closed after use. Wear gloves and safety glasses to avoid skin and eye contact. Wash with soap and
water after skin contact. In case of eye contact, flush with water for 15 minutes and get medical attention.
Harmful if swallowed. Keep out of reach of children. Keep away from heat, sparks, and open flames.
Reference the Material Safety Data Sheet for more complete safety information.
Note: Because of the rapid curing features of this product, large amounts of heat are generated when
large masses of material are mixed at one time. The heat generated by the exotherm resulting from the
mixing of large masses of adhesive can result in the release of entrapped air, steam, and volatile gases.
To prevent this, use only enough material as needed for use within the working time for the product and
confine gap thickness to no more than 4mm Questions relative to handling and applications should be
directed to ITW Plexus at +44 (0)1536 314800
DISPENSING ADHESIVE
MA310 may be applied manually or with automated equipment. Static mixer selection is critical to the
proper mixing and performance of Plexus adhesives. For additional information concerning meter-mix
equipment, contact ITW Plexus Sales Representatives. Pre-measured cartridges are also available, as
well as the hand-held guns with which to dispense the adhesive. To assure maximum bond strength,
surfaces must be mated within the specified working time. Use sufficient material to ensure the joint is
completely filled when parts are mated and clamped. All adhesive application, part positioning, and
fixturing should occur before the working time of the mix has expired. After indicated working time, parts
must remain undisturbed until the fixture time is reached. Automated equipment should be constructed of
stainless steel or aluminum. Avoid contact with copper or copper containing alloys in all fittings, pumps,
etc. Seals and gaskets should be made of Teflon, Teflon-coated PVC foam, ethylene/propylene or
polyethylene. Avoid the use of Viton, BUNA-N, Neoprene or other elastomers for seals and gaskets. Clean
up is easiest before the adhesive has cured. Citrus terpene or N-methyl pyrolidone (NMP) containing
cleaners and degreasers can be used for best results. If the adhesive is already cured, careful scraping,
followed by a solvent wipe may be the most effective method of clean up.
EFFECT OF TEMPERATURE
Application of adhesive at temperatures between 18oC and 26oC will ensure proper cure. Temperatures
below 18oC will slow cure speed; above 26oC will increase cure speed. The viscosities of Parts A and B of
this adhesive are affected by temperature. To ensure consistent dispensing in meter-mix equipment,
adhesive and activator temperatures should be held reasonably constant throughout the year.
STORAGE AND SHELF LIFE
Shelf life of MA310 adhesive (Part A) is 6 months. Shelf life of activator (Part B) is 1 year. Shelf life is
based on continuous storage between 12oC and 23oC. Long term exposure above 23oC will reduce the
shelf life of these materials. Prolonged exposure of activators, including cartridges that contain activators,
above 37oC quickly diminishes the reactivity of the product and should be avoided. These products should
never be frozen. For expiry date see label.
ITW PLEXUS, Unit 1, Bushacre Court, Gerrard Way, Kettering, Northants, NN16 8TD
TEL: +44 (0)1536 314800. FAX: +44 (0)1536 314801 e-mail technical@itwplexus.co.uk
Notes
1. ITW Plexus strongly
recommends that all substrates
be tested with the selected
adhesive in the anticipated
service conditions to determine
suitability.
2. Working Time: The time elapsed
between the moment Parts A and
B of the adhesive system are
combined and thoroughly mixed
and the time when the adhesive
is no longer useable. Times
presented were tested at 23oC.
3. Fixture Time: The interval of time
after which surface being joined
will support a 1 kg dead weight
on a 12.7 mm overlap joint 25.4
mm wide without movement.
Times presented were tested at
23oC.
4. Resistance to chemical exposure
varies greatly based on several
parameters including;
temperature, concentration,
bondline thickness, and duration
of exposure. The chemical
resistance guidelines listed
assume long term exposures at
ambient conditions.
5. In a typical bond line, exotherm
temperatures will be lower than
the temperatures shown.
6. Urethane-modified super-
weathering gelcoats may require
an alternate adhesive. As with all
substrates, these gelcoats
should be tested with the
selected adhesive to determine
suitability.
7. For bond gaps below the
minimum quoted please contact
ITW Plexus.
8. All machines dispensing Plexus
should have shrouds where
applicable.
All information on this data sheet
is based on laboratory testing
and is not intended for design
purposes. ITW Plexus makes no
representations or warranties of
any kind concerning this data.
Due to variance of storage,
handling and application of these
materials, ITW Plexus cannot
accept liability for results
obtained.
Plexus MA310 Rev 03, 07/03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com