Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7189F Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7189F
Description  3-Phase Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7189F Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7189F Datasheet HTML 17Page - Infineon Technologies AG TLE7189F Datasheet HTML 18Page - Infineon Technologies AG TLE7189F Datasheet HTML 19Page - Infineon Technologies AG TLE7189F Datasheet HTML 20Page - Infineon Technologies AG TLE7189F Datasheet HTML 21Page - Infineon Technologies AG TLE7189F Datasheet HTML 22Page - Infineon Technologies AG TLE7189F Datasheet HTML 23Page - Infineon Technologies AG TLE7189F Datasheet HTML 24Page - Infineon Technologies AG TLE7189F Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
21
Rev. 2.2, 2016-01-28
TLE7189F
5.2.31
Return time to normal operation at
auto-restart
t
AR
––
1.0
µs
–
VCC Check
5.2.32
Under voltage detection level
V
VCU
4.3
–
4.7
V
V
VCT=low
5.2.33
Over voltage detection level
V
VCOl
5.3
–
5.8
V
V
VCT=low
5.2.34
Over voltage detection level
V
VCOh
3.3
–
4.3
V
V
VCT=high
5.2.35
Over- and under voltage filter time
t
VC
10
–
25
µs
–
5.2.36
Low level input voltage of VCT
V
VCT_LL
––
1.0
V
–
5.2.37
High level input voltage of VCT
V
VCT_HL
2.0
––V
–
5.2.38
VCT pull down resistor
R
VCT
27
45
63
kΩ
V
VCT<5.5V
5.2.39
Filter time for VCT test
t
VCT
1.3
2
3.0
µs
–
1)
Parameters describe the behavior of the internal SCD circuit. Therefore only internal delay times are considered. In
application dead-/ delay times determined by application circuit (switching times of MOSFETs, adjusted dead time) have
to be considered as well.
Electrical Characteristics - Protection and diagnostic functions (cont’d)
V
S = 5.5 to 20V, Tj = -40 to +150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com