Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9275C2TG00 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9275C2TG00
Description  IC FOR 10.00 - 36.00 MHz VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9275C2TG00 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9275C2TG00 Datasheet HTML 1Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 2Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 3Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 4Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 5Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 6Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 7Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 8Page - Micro Analog systems MAS9275C2TG00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DA9275.007
19 February 2004
3 (10)
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Frequency Range
fo
10.00
36.00
MHz
1)
Voltage Control Range
VC
0
VDD
V
Voltage Control Sensitivity
VCSENS
100
ppm/V
2)
Output Voltage (10 pF, VDD 2.7 V)
Vout
2.3
Vpp
Output Voltage (10 pF, VDD 5.0 V)
Vout
4.5
Vpp
Rise and Fall Time (10 - 50 pF)
10
ns
Output Symmetry
40-60
%
Startup Time
TSTART
2
ms
Tri State Output Buffer
ON State
OFF State
PD
0
1.6
0.55
VDD
V
3)
Tri State Output Buffer
ON State
OFF State
PD
1.6
0
VDD
0.55
V
4)
Note 1: An RS < 20 Ω crystal provides 36 MHz maximum frequency. With an RS = 70 Ω crystal the maximum
frequency is typically 20 MHz.
Note 2: VC sensitivity value depends on the crystal used. With a 30 ppm/pF crystal typical values are:
A1 > 100 ppm/V, B2 > 75 ppm/V, B3 > 60 ppm/V, C2 > 75 ppm/V, C3 > 60 ppm/V, C4 > 55 ppm/V.
Note 3: MAS9275A, MAS9275B
Note 4: MAS9275C
Note 5: If the Tri State Output Buffer is floating (i.e., PD pin not connected), the oscillator is ON in all models
(MAS9275A, -B and -C)
IC OUTLINES
Note 1: MAS9275 pads are round with 80 µm diameter at opening.
Note 2: Die map reference is the actual left bottom corner of the sawn chip.
VDD
PD
X2
VSS
X1
VC
MAS9275
OUT
1220 µm
Die map reference



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com