Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9275C3SM06 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9275C3SM06
Description  IC FOR 10.00 - 36.00 MHz VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9275C3SM06 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9275C3SM06 Datasheet HTML 1Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 2Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 3Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 4Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 5Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 6Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 7Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 8Page - Micro Analog systems MAS9275C3SM06 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DA9275.007
19 February 2004
2 (10)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Note
Crystal/Varactor Oscillator Input
X1
209
161
Voltage Control Input
VC
425
165
Power Supply Ground
VSS
600
175
Buffer Output
OUT
1029
1030
Power Supply Voltage
VDD
841
1016
Tri State
PD
379
1028
Crystal Oscillator Output
X2
197
1030
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Unit
Note
Supply Voltage
VDD -
VSS
-0.3
6.0
V
Input Pin Voltage
VSS -0.3
VDD + 0.3
V
Power Dissipation
PMAX
100
mW
Storage Temperature
TST
-55
120
oC
ESD Rating
HBM
2
kV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.5
2.8
5.5
V
1)
Supply Current
IDD
VDD = 2.8 V
2.3
mA
Operating Temperature
TOP
-40
+85
oC
Voltage Control Line
Impedance
VcIMP
MAS9275A,
MAS9275B
1
MΩ
Crystal Pulling Sensitivity
S
30
ppm/pF
Crystal Load Capacitance
CL
VC = 1.65 V
MAS9275A1
MAS9275B2
MAS9275B3
MAS9275C2
MAS9275C3
MAS9275C4
8
10
10.5
10
10.5
10.5
pF
2)
2)
2)
Note 1: It is recommend to connect a 1 nF capacitor to the VDD pin (either in a module or in an end
application).
Note 2: Crystal Load Capacitance is typically 8.2 pF, when VC = 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com