Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263GS Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4263GS
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263GS Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4263GS Datasheet HTML 1Page - Infineon Technologies AG TLE4263GS Datasheet HTML 2Page - Infineon Technologies AG TLE4263GS Datasheet HTML 3Page - Infineon Technologies AG TLE4263GS Datasheet HTML 4Page - Infineon Technologies AG TLE4263GS Datasheet HTML 5Page - Infineon Technologies AG TLE4263GS Datasheet HTML 6Page - Infineon Technologies AG TLE4263GS Datasheet HTML 7Page - Infineon Technologies AG TLE4263GS Datasheet HTML 8Page - Infineon Technologies AG TLE4263GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLE 4263
Data Sheet
3
Rev. 2.9, 2013-11-25
Table 1
Pin Definitions and Functions
Pin
PG-DSO-14
Pin
PG-DSO-20
Pin
PG-DSO-8
Symbol Function
13
3
RO
Reset output; open-collector
output connected to the output via
a resistor of 30 k
Ω.
2
1, 2, 19, 13
–
N.C.
Not connected
3 - 5, 10 - 12 4-7, 14-17
4
GND
Ground
69
5
D
Reset delay; connected to
ground with a capacitor.
7106
RADJ
Reset threshold; to adjust the
switching threshold connect a
voltage divider (output to GND) to
the pin. If this input is connected
to GND, reset is triggered at an
output voltage of 4.5 V.
8117
W
Watchdog; rising edge triggered
input for monitoring a
microcontroller.
9128
Q
5-V output voltage; block to
ground with a capacitor,
C
≥ 22 μF, ESR ≤ 3 Ω at 10 kHz
13
18
1
I
Input voltage; block to ground
directly at the IC with a ceramic
capacitor.
14
20
2
INH
Inhibit; TTL-compatible,
low-active input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com