Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP20AC Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP20AC
Description  20W 4KVAC Isolation Wide Input AC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20AC Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP20AC Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20AC Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20AC Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP20AC series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 / 3
NOTES
:
1. The output filter capacitance C5/C6 is the electrolytic capacitor. It is recommended to use the high frequency low resistance electrolytic capacitance, the capacity
and the current of the flow;Please refer to the technical specifications provided by the manufacturers. The C4 is to remove the high frequency noise.
2. The dashed box is an EMC filter that is accessible for higher EMC requirements, which can be omitted while general applications
3. We has formed a filter for L1, CX and NF ,for the customer to use, the model is FA01.
TYPICAL APPLICATION CIRCUIT
Component
PN
FUSE
NTC
NF
L1
MOV
CX
L2
C5/C6
C4
D1
TP20AC220S03W
T2A
/250V
Recommend
ed external
NTC
thermistor,
model: 10d-9
NF is
common
mode
inductance,
inductance
value in
30mH,
current 0.5 A.
1mH/
0.8A
MOV is the
voltage
resistance
and the
recommende
d value is
14D471K
CX is the
safety X
capacitanc
e, 104K /
275V
10uH/
3A
2200uF/16V
104K/50
(Ceramic
capacitors)
P6KE6.8A
TP20AC220S05W
2200uF/16V
P6KE6.8A
TP20AC220S09W
1000uF/16V
P6KE16A
TP20AC220S12W
680uF/16V
P6KE16A
TP20AC220S15W
470uF/25V
P6KE20A
TP20AC220S24W
220uF/35V
P6KE33A
MECHANICAL DIMENSIONS
DIP packaging
PIN
Single
1
N
2
L
3
+V0
4
-V0
SELECTION GUIDE
All dimensions in mm ±0.2mm
TP 20
A
C 220 S
05 W
W:4:1 Wide voltage input range
Main (auxiliary) output voltage
S:single output, D:Dual output
Rated input voltage
Package type
AC-DC
Rated output power
Brand name
Ø1.00
20.32
15.30
6.00
?1.00
25.40
10.16
50.80
45.72
bottom view
2
1
3
4
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com