Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPL
Description  2W Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPL Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPL_18 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPL_18 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPL_18 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPL Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 2 of 3
ABSOLUTE MAXIMUM RATINGS
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
800mW
Input voltage Vin, TPL05XX types
7V
Input voltage Vin, TPL12XX types
15V
Input voltage Vin, TPL24XX types
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
1500
3000
VDC
Resistance
Viso= 500VDC
1
G
Ω
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input
95
kHz
Switching frequency
12V input
95
TEMPER ATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
105
Storage
-50
130
Case Temperature above ambient
5V output types
46
All other output types
38
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
Safe Operating Area
85° C
Ambient Temperature(° C)
150
100
50
0
-40
0
1
2
3
Output Load Current(%)
+10%
+5%
V
NOM
-2.5%
+2.5%
-7.5%
100
75
50
25
10
Typical Load L
ine
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com