Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMK-R010-5.0 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # SMK-R010-5.0
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

SMK-R010-5.0 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  SMK-R010-5.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG SMK-R010-5.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG SMK-R010-5.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG SMK-R010-5.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-PLAN® // PRECISION RESISTORS
SMK // Size 1206
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 19-January-2018 // Current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow- and IR-soldering
Temperature
°C
260
255
217
Time
sec
peak
40
90
With differing pcb-layout geometry it is possible
that the measured resistance value can vary.
Slight deformations during soldering do not affect
technical properties of the component.
Tape and reel information
Specification
DIN EN 60286-3
Tape width
mm
8
Reel size
inch
13
Parts per reel
pcs
12500
Packaging weight
g
452
Resistance values
Tolerance
1.0
5.0
R005
R008
R010
R020
R025
R033
R050
R100
R170
R200
R220
R360
R500
Available standard resistance values and tolerances*
* Further values and tolerances on request
= available
Specification
Parameters
Test conditions
Specified values
Temperature Cycling
2000 cycles (-55 °C to +150 °C)
±0.5 %
Low Temperature Storage and Operation
-65 °C for 24 h
±0.1 %
Resistance to Soldering Heat
260 °C for 10 sec / 8h steam aging
±0.3 %
Moisture Resistance
MIL-STD-202 method 106
±0.1 %
Mechanical Shock
100 g, 6 ms half sine
±0.1 %
Vibration, High Frequency
20 g, 10-2000 Hz
±0.1 %
Operational Life
2000 h, TK max at nominal load
±1.0 %
High Temperature Exposure
2000 h / 170 °C
±1.0 %
Bias Humidity
+85 °C, 85 r.F., 1000 h
±0.5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com