Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-R005-1.0 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # SMS-R005-1.0
Description  Precision resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

SMS-R005-1.0 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  SMS-R005-1.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R005-1.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R005-1.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R005-1.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R005-1.0 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 /5
ISA-PLAN® // PrecISIoN reSIStorS
SMS // Size 2512
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 07-July-2017 // current valid issue: see www.isabellenhuette.de
Recommended solder profile
Reflow- and IR-soldering
temperature
°C
260
255
217
time
sec
peak
40
90
Slight deformations during soldering do not affect
technical properties of the component.
Tape and reel information
Specification
DIN eN 60286-3
tape width
mm
12
reel size
inch
13
Parts per reel
pcs
5000
Packaging weight
g
453
Temperature dependence of the electrical resistance
of SMS resistors
Power derating curve
Stability < 1.0 %
Improved stability < 0.5 %
dr/r20 [%]
temperature [°c]
terminal temperature tK [°c]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
-1,2
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
-55
-30
-5
20
45
70
95
120
145
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
Power derating curve at 70 °C
terminal temperature tK [°c]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
70
P / P
70 °c
P / P
110 °c



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com