Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLK-R003-5.0 Datasheet(PDF) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # VLK-R003-5.0
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

VLK-R003-5.0 Datasheet(HTML) 3 Page - Isabellenhütte Heusler GmbH & Co. KG

  VLK-R003-5.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG VLK-R003-5.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG VLK-R003-5.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG VLK-R003-5.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 /4
ISA-PLAN® // PRECISION RESISTORS
VLK // Size 0612
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 16-January-2018 // Current valid issue: see www.isabellenhuette.de
Stability < 0.7 %
Improved stability < 0.5 %
P/PNom
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm]
dR/R20 [%]
Terminal temperature TK [°C]
0
0,25
0,5
0,75
1
1,25
0
20
40
60
80
100
120
140
160
180
Type
L
W
H
A
B
VLK
3.05 ±0.2
1.52 ±0.1
0.35 +0.2/-0.1
0.35 ±0.15 0.30 ±0.15
Solder pad type
e
f
g
VLK
1.22
0.2
0.25
Temperature [°C]
22.12.2017,me
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
-70
-40
-10
20
50
80
110
140
170
TCR = 0 ppm/K
TCR = -50 ppm/K
TCR = +50 ppm/K
-65
Temperature dependence of the electrical resistance
Power derating curve
Type
l
w
a
VLK
3.05
1.6
0.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com