Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-R003-1.0 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # VLP-R003-1.0
Description  PRECISION RESISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

VLP-R003-1.0 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  VLP-R003-1.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG VLP-R003-1.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG VLP-R003-1.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG VLP-R003-1.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 /4
ISA-PLAN® // PRECISION RESISTORS
VLP // Size 1020
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 17-January-2018 // Current valid issue: see www.isabellenhuette.de
Current sensor for power hybrid applications
Control systems for the automotive market
Power modules
Frequency converters
Switch mode power supplies
Low resistance values from 1 mOhm
2 W power rating at 130 °C
Constant current up to 45 A (1 mOhm)
Excellent long-term stability
High pulse power rating
Mounting: Reflow- and IR-soldering
AEC-Q200 qualified
RoHS 2011/65/EU compliant
Features
Applications
* See all standard values and tolerances on page 2
Technical data
Resistance values
mOhm
3 / 5 / 6 *
Tolerance
%
1 / 2 / 5 *
Temperature coefficient (20-60 °C)
ppm/K
< 50
Applicable temperature range
°C
-65 to +170
Power rating
W
2
Internal heat resistance (Rthi)
K/W
< 20
Dielectric withstanding voltage
V AC/DC
200
Inductance
nH
< 1
Stability (at rated power) deviation after 2000h,
TK = Terminal temperature
< 0.5 % (TK=100 °C)
< 0.7 % (TK=130 °C)


Similar Part No. - VLP-R003-1.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLP-02V ETC2-VLP-02V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLP-02V ETC2-VLP-02V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
VLP-02V JST-VLP-02V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
VLP-02V-1 ETC2-VLP-02V-1 Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
VLP-02V-1 JST-VLP-02V-1 Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - VLP-R003-1.0

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com