Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-R020-1.0 Datasheet(PDF) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # SMS-R020-1.0
Description  Precision resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

SMS-R020-1.0 Datasheet(HTML) 1 Page - Isabellenhütte Heusler GmbH & Co. KG

  SMS-R020-1.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R020-1.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R020-1.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R020-1.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG SMS-R020-1.0 Datasheet HTML 5Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 /5
ISA-PLAN® // PrecISIoN reSIStorS
SMS // Size 2512
Isabellenhütte Heusler GmbH & co. KG // sales.components@isabellenhuette.de // Issue 07-July-2017 // current valid issue: see www.isabellenhuette.de
▪ current sensor for power hybrid applications
▪ control systems for the automotive market
▪ Power modules
▪ Frequency converters
▪ Switch mode power supplies
▪ 5 W power rating at 70°c
▪ constant current up to 25 A (5 mohm)
▪ excellent long-term stability
▪ High pulse power rating
▪ Mounting: reflow-, and Ir-soldering
▪ Aec-Q200 qualified
▪ roHS 2011/65/eU compliant
Features
Applications
Technical data
resistance values
Ohm
0.005 to 1 *
tolerance
%
0.5 / 1 / 2 / 5 *
temperature coefficient (20-60 °C)
ppm/K
<50
Applicable temperature range
°C
-65 to +170
Power rating P110°C
W
3
Power rating P70°C
W
5
Internal heat resistance (rthi)
K/W
20
Dielectric withstanding voltage
V AC/DC
200
Inductance
nH
<3
Stability (at rated power) deviation after 2000h
tK = terminal temperature
<0.5% (tK = 80 °c)
<1.0% (tK = 110 °c)
Ordering code
SMS - r005 - 1.0
tolerance
resistance value [ohm] / "r" represents decimal point
type
* For detailed information see table on page 3


Similar Part No. - SMS-R020-1.0

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
SMS-R010-1.0 RHOPOINT-SMS-R010-1.0 Datasheet
86Kb / 3P
Precision Resistors
More results

Similar Description - SMS-R020-1.0

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com