Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MDD310
Description  Diode/Diode Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MDD310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MDD310 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LTO-DMS
MDD310-08V thru MDD310-22V
Diode/Diode Module
LTO-DMS Semiconductor Corporation
1468, 86th Street, Brooklyn,
New York, 11228, USA
Tel: (718) 234 6010 / (707) 3223 4679
Fax:(718) 234 6013 / (707) 3223 6696
VRSM
V
VRRM
V
Type
900
1300
1500
1700
1900
2100
2300
800
1200
1400
1600
1800
2000
2200
MDD310-08V
MDD310-12V
MDD310-14V
MDD310-16V
MDD310-18V
MDD310-20V
MDD310-22V
Symbol
Test Conditions
Maximum Ratings
IFRM
IFAVM
TVJ=TVJM
TC=100
180 sine
480
310
A
A
TVJ=45
VR=0
t=10
ms
t=8.3 ms
(50Hz),sine
(60Hz),sine
11500
12200
A
A
IFSM
TVJ=TVJM
VR=0
t=10
ms
t=8.3 ms
(50Hz),sine
(60Hz),sine
9600
10200
A
A
TVJ=45
VR=0
t=10
ms
t=8.3 ms
(50Hz),sine
(60Hz),sine
662000
620000
A2S
A2S
i2dt
TVJ=TVJM
VR=0
t=10
ms
t=8.3 ms
(50Hz),sine
(60Hz),sine
460000
430000
A2S
A2S
TVJ
TVJM
Tstg
-40
+150
150
-40
+150
VISOL
50/60Hz,RMS t=1min
IISOL 1mA t=1s
3000
3600
V
V
Md
Weight
Mounting Torque
Terminal connection torque
Typ.
(M5)
(M8)
2.5-5
12-15
320
Nm
Nm
g
Features
·Package with screw terminals
·Isolation Voltage 3600V-
·Planar glasspassivated chips
·Low forward voltage drop
Applications
·Heat and temperature control for
industrial fumaces and chemical
processes
·Lighting control
·Motor control
·Power converter
Advantages
·Easy to mount with two screws
·Space and weight savings
·Improved temperature and
power cycling
·High power density
Symbol
Test Conditions
Characteristic Value
IR
VF
VR=VRRM
IF=600A
TVJ=TVJM
TVJ=25
40
1.2
mA
V
VTO
rT
For power-loss calculations only
TVJ=TVJM
0.75
0.63
V
m
QS
IRM
TVJ=125 ,IF=400A,-di/dt=50A/ s
760
275
C
A
RthJC
per Diode;DC current
per module
0.129
0.065
K/W
K/W
RthJK
per Diode;DC current
per module
0.169
0.0845
K/W
K/W
ds
dA
a
Creeping distance on surface
Creeping distance in air
Max.allowable acceleration
12.7
9.6
50
mm
mm
m/s2
Revision:1
2002/06/17
Dimensions in mm (1 mm = 0.0394")
1
2
3
31
2


Similar Part No. - MDD310

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
High Power Diode Modules
MDD310-08N1 IXYS-MDD310-08N1 Datasheet
115Kb / 3P
High Power Diode Modules
MDD310-12N1 IXYS-MDD310-12N1 Datasheet
115Kb / 3P
High Power Diode Modules
MDD310-12N1 IXYS-MDD310-12N1 Datasheet
193Kb / 6P
Standard Rectifier Module
MDD310-14N1 IXYS-MDD310-14N1 Datasheet
115Kb / 3P
High Power Diode Modules
More results

Similar Description - MDD310

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
25NDD NAINA-25NDD Datasheet
121Kb / 2P
Diode - Diode Module
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com