Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD1209 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # IXD1209
Description  High Speed LDO Regulator with ON/OFF Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1209 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button IXD1209 Datasheet HTML 9Page - Zilog, Inc. IXD1209 Datasheet HTML 10Page - Zilog, Inc. IXD1209 Datasheet HTML 11Page - Zilog, Inc. IXD1209 Datasheet HTML 12Page - Zilog, Inc. IXD1209 Datasheet HTML 13Page - Zilog, Inc. IXD1209 Datasheet HTML 14Page - Zilog, Inc. IXD1209 Datasheet HTML 15Page - Zilog, Inc. IXD1209 Datasheet HTML 16Page - Zilog, Inc. IXD1209 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
IXD1209/12
© 2014 IXYS Corp.
13
Doc. No. IXD1209/12_DS, Rev. N0
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Output Current (Continue)
Topr = 25 0C
IXD1209/12 F122
CIN = CL = 1µF, (ceramic), VIN = 2.7 V
IXD1209/12 F122
CIN = CL = 1µF, (ceramic), Ta = 25
0C
(3) Output Voltage vs. Input Voltage
IXD1209/12 F302
CIN = CL = 1µF, (ceramic), Ta = 25
0C
IXD1209/12 F302
CIN = CL = 1µF, (ceramic), Ta = 25
0C
IXD1209/12 F302
CIN = CL = 1µF, (ceramic), Ta = 25
0C
IXD1209/12 F302
CIN = CL = 1µF, (ceramic), Ta = 25
0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com