Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXRD1002 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # IXRD1002
Description  High Power Digital Inrush Current Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXRD1002 Datasheet(HTML) 4 Page - Zilog, Inc.

  IXRD1002 Datasheet HTML 1Page - Zilog, Inc. IXRD1002 Datasheet HTML 2Page - Zilog, Inc. IXRD1002 Datasheet HTML 3Page - Zilog, Inc. IXRD1002 Datasheet HTML 4Page - Zilog, Inc. IXRD1002 Datasheet HTML 5Page - Zilog, Inc. IXRD1002 Datasheet HTML 6Page - Zilog, Inc. IXRD1002 Datasheet HTML 7Page - Zilog, Inc. IXRD1002 Datasheet HTML 8Page - Zilog, Inc. IXRD1002 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High Power Digital Inrush Current Controller
Reference Design
© 2015 IXYS
4
IXRD100102-1015
Service Functions
This reference design displays the capabilities of IXYS power components by featuring a Load ON/OFF
switch U2 (see Figure 8), Overload Protection functionality, and Power Good status output. Load switch
activation is programmable, and is enabled after the capacitor C pre-charge is completed. Load Switch is
activated with Power Good status signal in this reference design.
Overload Protection is an important feature to protect a device from being destroyed when an overload
occurs. The overload threshold is programmable, and is set to 12A in this reference design. If overload is
detected by a comparator, the MCU disconnects the load by turning U2 and U3 off.
Overload protection can be programmed in one of the following ways:
 Immediately shut down the device and wait for user action
 Allow the device to restart after the short circuit is removed, for a predetermined number of
short circuit occurrences.
When the device is allowed to restart, the delay between restarts and the number of restarts is
programmable. In this reference design, delay time is set to 1.5 seconds and the number of restarts is set
to 4.
Power Good status activation is programmable. In this reference design, it is delayed by one AC voltage
period after the capacitor’s pre-charge is completed. The Power Good status is not set if overload is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com