Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST790010 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST790010
Description  ELECTRIC LIFE: 30,000 CYCLES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST790010 Datasheet(HTML) 1 Page - E-SWITCH

  ST790010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
FS5700DPMT2B2M1QEH
1:1
1/16/2017
ST790010
A
rc
1
1
RECOMMENDED
PANEL CUTOUT
A
22675
New Release
1/16/17
rc
13.40
[.528 in]
10.00
[.394 in]
5.80
[.228 in]
12.00
[.472 in]
2.70
[.106 in]
11.80
[.465 in]
1.00
[.039 in]
13.00
[.512 in]
3.50
[.138 in]
5.00
[.197 in]
2.00
[.079 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 1A @ 9 VDC
6. ELECTRIC LIFE: 20,000 CYCLES
7. INSULATION RESISTANCE: 100 MEGA-OHM MIN @
500VDC.
8. ACUATION FORCE: 2500 ± 800gf
9. TRAVEL: 2.7mm
10. CONTACT RESISTANCE: 50 MILLI-OHM MAX. INITIAL
11. DIELECTRIC STRENGTH: 500 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -10°C to 70°C
13.
DENOTES CRITICAL PARAMETER.
14. 2011/65/EC (ROHS) COMPLIANT.
15. HARDWARE TO BE SHIPPED BULK:
T081101 - LOCK WASHER, QTY 1
T100025 - WASHER, QTY 1
T081102 - HEX NUT, QTY 2
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-2; 4-5 2-3: 5-6
( ) DENOTES MOMENTARY FUNCTION
M12 x 0.75
THREAD
12.20
- .00
.20
+
.480 -.000
.008
+
in
[]
TERMINAL 1
TERMINAL 3
M1
TERMINAL
2.00
[.079 in]
4.00
[.157 in]
8.00
[.315 in]
.75
[.030 in]
CIRCUIT: DPDT
1
2
5
34
6
TERMINAL 2
TERMINAL 4
TERMINAL 5
TERMINAL 6
5.00
[.197 in]
T790010
12.00
[.472 in]


Similar Part No. - ST790010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST790000 E-SWITCH-ST790000 Datasheet
154Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790004 E-SWITCH-ST790004 Datasheet
147Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790006 E-SWITCH-ST790006 Datasheet
146Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790008 E-SWITCH-ST790008 Datasheet
149Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
More results

Similar Description - ST790010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV2S640SS E-SWITCH-PV2S640SS Datasheet
214Kb / 1P
ELECTRIC LIFE: 200,000 MAKE-AND-BREAK CYCLES
ST790000 E-SWITCH-ST790000 Datasheet
154Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790004 E-SWITCH-ST790004 Datasheet
147Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790006 E-SWITCH-ST790006 Datasheet
146Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
ST790008 E-SWITCH-ST790008 Datasheet
149Kb / 1P
ELECTRIC LIFE: 30,000 CYCLES
T790002 E-SWITCH-T790002 Datasheet
247Kb / 1P
ELECTRIC LIFE: 20,000 CYCLES
T790005 E-SWITCH-T790005 Datasheet
237Kb / 1P
ELECTRIC LIFE: 20,000 CYCLES
T790007 E-SWITCH-T790007 Datasheet
237Kb / 1P
ELECTRIC LIFE: 20,000 CYCLES
T790009 E-SWITCH-T790009 Datasheet
240Kb / 1P
ELECTRIC LIFE: 20,000 CYCLES
T790011 E-SWITCH-T790011 Datasheet
241Kb / 1P
ELECTRIC LIFE: 20,000 CYCLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com