Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2212 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2212
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2212 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2212 Datasheet HTML 1Page - Advanced Power Technology MS2212 Datasheet HTML 2Page - Advanced Power Technology MS2212 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12-10-2002
MS2212
DESCRIPTION:
DESCRIPTION:
The MS2212 is designed for specialized avionics applications,
including JTIDS where power is providedunder pulse formats
utilizing short pulse widths and highburst or overall duty cycles.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
50
W
IC
Device Current
1.8
A
VCC
Collector - Supply Voltage
32
V
TJ
Junction Temperature
250
°°
C
TSTG
Storage Temperature
- 65 to +200
°°
C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
3.0
°°
C/W
Features
Features
·
960 – 1215 MHz
·
28 VOLTS
·
INPUT/OUTPUT MATCHING
·
POUT = 15 WATTS
·
GP = 8.1 dB MINIMUM
·
COMMON BASE CONFIGURATION
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS


Similar Part No. - MS2212

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
29Kb / 2P
Erin Landis
MS2212102-A AMETHERM-MS2212102-A Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS2212102-B AMETHERM-MS2212102-B Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - MS2212

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com